Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DS0 Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 47Page - STMicroelectronics LSM6DS0 Datasheet HTML 48Page - STMicroelectronics LSM6DS0 Datasheet HTML 49Page - STMicroelectronics LSM6DS0 Datasheet HTML 50Page - STMicroelectronics LSM6DS0 Datasheet HTML 51Page - STMicroelectronics LSM6DS0 Datasheet HTML 52Page - STMicroelectronics LSM6DS0 Datasheet HTML 53Page - STMicroelectronics LSM6DS0 Datasheet HTML 54Page - STMicroelectronics LSM6DS0 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
DocID025604 Rev 3
51/59
LSM6DS0
Register description
59
7.33
FIFO_CTRL (2Eh)
FIFO control register.
7.34
FIFO_SRC (2Fh)
FIFO status control register.
Table 81. FIFO_SRC register
Table 82. FIFO_SRC register description
Table 78. FIFO_CTRL register
FMODE2
FMODE1
FMODE0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 79. FIFO_CTRL register description
FMODE [2:0]
FIFO mode selection bits. Default value: 000
For further details refer to Table 80.
FTH [4:0]
FIFO threshold level setting. Default value: 0 0000
Table 80. FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass mode. FIFO turned off
0
0
1
FIFO mode. Stop collecting data when FIFO is full.
0
1
0
Reserved
0
1
1
Continuous mode until trigger is deasserted, then FIFO mode.
1
0
0
Bypass mode until trigger is deasserted, then Continuous
mode.
1
1
0
Continuous mode. If the FIFO is full, the new sample over-
writes the older sample.
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FTH
FIFO threshold status.
(0: FIFO filling is lower than threshold level; 1: FIFO filling is equal to or higher than
the threshold level
OVRN
FIFO overrun status.
(0: FIFO is not completely filled; 1: FIFO is completely filled and at least one sample
has been overwritten)
For further details refer to Table 83.
FSS [5:0]
Number of unread samples stored in FIFO.
(000000: FIFO empty; 100000: FIFO full, 32 unread samples)
For further details refer to Table 83.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com