Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DS0 Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 45Page - STMicroelectronics LSM6DS0 Datasheet HTML 46Page - STMicroelectronics LSM6DS0 Datasheet HTML 47Page - STMicroelectronics LSM6DS0 Datasheet HTML 48Page - STMicroelectronics LSM6DS0 Datasheet HTML 49Page - STMicroelectronics LSM6DS0 Datasheet HTML 50Page - STMicroelectronics LSM6DS0 Datasheet HTML 51Page - STMicroelectronics LSM6DS0 Datasheet HTML 52Page - STMicroelectronics LSM6DS0 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
DocID025604 Rev 3
49/59
LSM6DS0
Register description
59
7.27
CTRL_REG10 (24h)
Control register 10.
Table 72. CTRL_REG10 register
Table 73. CTRL_REG10 register description
7.28
INT_GEN_SRC_XL (26h)
Linear acceleration sensor interrupt source register.
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
0(1)
0(1)
0(1)
ST_G
0(1)
ST_XL
ST_G
Angular rate sensor self-test enable. Default value: 0
(0: Self-test disabled; 1: Self-test enabled)
ST_XL
Linear acceleration sensor self-test enable. Default value: 0
(0: Self-test disabled; 1: Self-test enabled)
Table 74. INT_GEN_SRC_XL register
0
IA_XL
ZH_XL
ZL_XL
YH_XL
YL_XL
XH_XL
XL_XL
Table 75. INT_GEN_SRC_XL register description
IA_XL
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH_XL
Accelerometer’s Z high event. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
ZL_XL
Accelerometer’s Z low event. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH_XL
Accelerometer’s Y high event. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
YL_XL
Accelerometer’s Y low event. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH_XL
Accelerometer’s X high event. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL_XL
Accelerometer’s X low event. Default value: 0
(0: no interrupt, 1: X low event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com