Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DS0 Datasheet(PDF) 46 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 42Page - STMicroelectronics LSM6DS0 Datasheet HTML 43Page - STMicroelectronics LSM6DS0 Datasheet HTML 44Page - STMicroelectronics LSM6DS0 Datasheet HTML 45Page - STMicroelectronics LSM6DS0 Datasheet HTML 46Page - STMicroelectronics LSM6DS0 Datasheet HTML 47Page - STMicroelectronics LSM6DS0 Datasheet HTML 48Page - STMicroelectronics LSM6DS0 Datasheet HTML 49Page - STMicroelectronics LSM6DS0 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Register description
LSM6DS0
46/59
DocID025604 Rev 3
7.23
CTRL_REG6_XL (20h)
Linear acceleration sensor control register 6.
Table 62. CTRL_REG6_XL register
Table 63. CTRL_REG6_XL register description
ODR_XL [2:0] is used to set the power mode and ODR selection. Table 64 summarizes all
available frequencies when only the accelerometer is activated.
ODR_XL2 ODR_XL1 ODR_XL0
FS1_XL
FS0_XL
BW_SCAL
_ODR
BW_XL1
BW_XL0
ODR_XL [2:0]
Output data rate and power mode selection. Default value: 000 (see Table 67)
FS_XL [1:0]
Accelerometer full-scale selection. Default value: 00
(00: ±2g; 01: ±16g; 10: ±4g; 11: ±8g)
BW_SCAL_ODR
Bandwidth selection. Default value: 0
(0: bandwidth determined by ODR selection:
- BW = 408 Hz when ODR = 952 Hz, 50 Hz, 10 Hz;
- BW = 211 Hz when ODR = 476 Hz;
- BW = 105 Hz when ODR = 238 Hz;
- BW = 50 Hz when ODR = 119 Hz;
1: bandwidth selected according to BW_XL [2:1] selection)
BW_XL [1:0]
Anti-aliasing filter bandwidth selection. Default value: 00
(00: 408 Hz; 01: 211 Hz; 10: 105 Hz; 11: 50 Hz)
Table 64. ODR register setting (accelerometer only mode)
ODR_XL2
ODR_XL1
ODR_XL0
ODR selection [Hz]
0
0
0
Power-down
0
0
1
10 Hz
0
1
0
50 Hz
0
1
1
119 Hz
1
0
0
238 Hz
1
0
1
476 Hz
1
1
0
952 Hz
1
1
1
n.a.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com