Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS1TX Datasheet(PDF) 59 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 55Page - STMicroelectronics STS1TX Datasheet HTML 56Page - STMicroelectronics STS1TX Datasheet HTML 57Page - STMicroelectronics STS1TX Datasheet HTML 58Page - STMicroelectronics STS1TX Datasheet HTML 59Page - STMicroelectronics STS1TX Datasheet HTML 60Page - STMicroelectronics STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
DocID025109 Rev 1
59/70
STS1TX
Register table
CHSPACE
0x0C
7:0
CH_SPACING
0xFC
R/W
Channel spacing in steps of
fXO/215 (~793 for fXO = 26 MHz,
~732 for fXO = 24 MHz).
FC_OFFSET[1]
0x0E
7:4
Reserved
0
R/W
Carrier offset in steps of fXO/218
and represented as 12 bits 2-
complement integer. It is added
/ subtracted to the carrier
frequency set by the SYNTx
register. This register can be
used to set a fixed correction
value obtained e.g. from crystal
measurements.
3:0
FC_OFFSET[11:8]
0
FC_OFFSET[0]
0x0F
7:0
FC_OFFSET[7:0]
0
R/W
PA_POWER[8]
0x10
7Reserved
0
R/W
Output power level for 8th slot
(+12 dBm)
6:0
PA_LEVEL_7
000001
1
PA_POWER[7]
0x11
7Reserved
0
R/W
Output power level for 7th slot
(+6 dBm)
6:0
PA_LEVEL_6
000111
0
PA_POWER[6]
0x12
7Reserved
0
R/W
Output power level for 6th slot
(0 dBm)
6:0
PA_LEVEL_5
001101
0
PA_POWER[5]
0x13
7Reserved
0
R/W
Output power level for 5th slot (-
6 dBm)
6:0
PA_LEVEL_4
010010
1
PA_POWER[4]
0x14
7Reserved
0
R/W
Output power level for 4th slot (-
12 dBm)
6:0
PA_LEVEL_3
011010
1
PA_POWER[3]
0x15
7Reserved
0
R/W
Output power level for 3rd slot
(-18 dBm)
6:0
PA_LEVEL_2
100000
0
PA_POWER[2]
0x16
7Reserved
0
R/W
Output power level for 2nd slot
(-24 dBm)
6:0
PA_LEVEL_1
100111
0
PA_POWER[1]
0x17
7Reserved
0
R/W
Output power level for first slot
(-30 dBm)
6:0
PA_LEVEL_0
000000
0
Table 35. Radio configuration registers (analog blocks) (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com