Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS1TX Datasheet(PDF) 47 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 43Page - STMicroelectronics STS1TX Datasheet HTML 44Page - STMicroelectronics STS1TX Datasheet HTML 45Page - STMicroelectronics STS1TX Datasheet HTML 46Page - STMicroelectronics STS1TX Datasheet HTML 47Page - STMicroelectronics STS1TX Datasheet HTML 48Page - STMicroelectronics STS1TX Datasheet HTML 49Page - STMicroelectronics STS1TX Datasheet HTML 50Page - STMicroelectronics STS1TX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
DocID025109 Rev 1
47/70
STS1TX
Transmission and reception
The FIFO almost empty event occurs when the data crosses the threshold from above to
below. The TX FIFO almost full threshold can be configured using the field TXAFTHR in the
FIFO_CONFIG[1] register.
Another event occurs when the FIFO goes into overflow or underflow.
The overflow happens when the data in the FIFO are more than 96 bytes. The underflow
happens when the STS1TX accesses the FIFO locations to read data, but there is no data
present.
For example:
•
If it sends more data than the actual number of bytes in the TX FIFO, the TX FIFO
underflow/overflow error occurs for an underflow event.
•
If it writes more than 96 bytes in the TX FIFO, a TX FIFO underflow/overflow error
occurs for an overflow event.
An easy way to clean the FIFOs is to use the flush command: FLUSHTXFIFO
The write TX FIFO operation needs an extra SPI transaction to write correctly the last byte
into the TX FIFO. Usually, this last SPI transaction is generated from the TX command sent
to transmit the data, otherwise a dummy SPI transaction must be done.
Using the auto-retransmission feature of the STS1TX (packet format STack), if the packet is
more than 96 bytes, the packet must be reloaded into the TX FIFO by the MCU. However, if
the payload is 96 bytes or less, the STS1TX handles the payload and it is not necessary to
reload the data into the TX FIFO at each retransmission.
9.8
Frequency hopping
In order to ensure good link reliability in an interference corrupted scenario, the device
supports frequency hopping, managed by the MCU; in particular, the STS1TX supports slow
frequency hopping, meaning that the systems change frequency at a rate slower than the
information rate.
Depending on the desired blanking interval (the time during a hop), frequency hopping can
be done by performing the complete PLL calibration for each channel hop, or reading in the
suitable register calibration data calculated at startup and stored in the non-volatile memory
of the MCU. The former solution gives a long blanking interval but is more robust compared
with supply voltage and temperature variation. The latter provides a shorter blanking time
but is sensitive to voltage and temperature variation and requires memory space to store
calibration data for each channel involved in hopping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com