Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS1TX Datasheet(PDF) 11 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 7Page - STMicroelectronics STS1TX Datasheet HTML 8Page - STMicroelectronics STS1TX Datasheet HTML 9Page - STMicroelectronics STS1TX Datasheet HTML 10Page - STMicroelectronics STS1TX Datasheet HTML 11Page - STMicroelectronics STS1TX Datasheet HTML 12Page - STMicroelectronics STS1TX Datasheet HTML 13Page - STMicroelectronics STS1TX Datasheet HTML 14Page - STMicroelectronics STS1TX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
DocID025109 Rev 1
11/70
STS1TX
Pinout
4
Pinout
Table 4. Pinout description
Pin
Name
I/O
Description
1
GPIO_0
I/O
See description of GPIOs below
2
MISO
O
SPI data output pin
3
MOSI
I
SPI data input pin
4
SCLK
I
SPI clock input pin
5
CSn
I
SPI chip select
6XOUT
O
Crystal oscillator output. Connect to an external 26 MHz crystal or
leave floating if driving the XIN pin with an external signal source
7XIN
I
Crystal oscillator input. Connect to an external 26 MHz crystal or to
an external source. If using an external clock source with no crystal,
DC coupling with a nominal 0.2 VDC level is recommended with
minimum AC amplitude of 400 mVpp.
The instantaneous level at input cannot exceed the 0 - 1.4 V range.
8
VBAT
VDD
+1.8 V to +3.6 V input supply voltage
9NC
-
10
NC
-
11
GND_PA
GND
Ground for PA.
To be carefully decoupled from other grounds.
12
TX
O
RF output signal
13
SMPS Ext2
I
Regulated DC-DC voltage input
14
SMPS Ext1
O
DC-DC output pin
15
SDN
I
Shutdown input pin. 0-VDD V digital input. SDN should be = ‘0’ in all
modes except shutdown mode. When SDN =’1’ the STS1TX is
completely shut down and the contents of the registers are lost.
16
VBAT
VDD
+1.8 V to +3.6 V input supply voltage
17
VREG(1)
VDD
Regulated output voltage. A 100 nF decoupling capacitor is required
18
GPIO3
I/O
General purpose I/O that may be configured through the SPI
registers to perform various functions, including:
– MCU clock output
– FIFO status flags
– Wakeup input
– Battery level detector
– Temperature sensor output
19
GPIO2
I/O
20
GPIO1
I/O
21
GND
GND
Exposed pad ground pin
1. This pin is intended for use with the STS1TX only. It cannot be used to provide supply voltage to other
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com