Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS1TX Datasheet(PDF) 65 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics STS1TX Datasheet HTML 64Page - STMicroelectronics STS1TX Datasheet HTML 65Page - STMicroelectronics STS1TX Datasheet HTML 66Page - STMicroelectronics STS1TX Datasheet HTML 67Page - STMicroelectronics STS1TX Datasheet HTML 68Page - STMicroelectronics STS1TX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
DocID025109 Rev 1
65/70
STS1TX
Register table
AES_DATA_IN[15]
0x80
7:0
AES_IN15
0
R/W
AES engine data input (128
bits)
AES_DATA_IN[14]
0x81
7:0
AES_IN14
0
R/W
AES engine data input (128
bits)
……
…
…
…
…
AES_DATA_IN[1]
0x8E
7:0
AES_IN1
0
R/W
AES engine data input (128
bits)
AES_DATA_IN[0]
0x8F
7:0
AES_IN0
0
R/W
AES engine data input (128
bits)
IRQ_MASK[3]
0x90
7:0
INT_MASKT[31:24]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 29.
IRQ_MASK[2]
0x91
7:0
INT_MASK [23:16]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 29.
IRQ_MASK[1]
0x92
7:0
INT_MASK[15:8]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 29.
IRQ_MASK[0]
0x93
7:0
INT_MASK [7:0]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 29.
DEM_CONFIG
0xA3
7:2
Reserved
001101
R/W
Reserved do not modify
1
DEM_ORDER
1
Set it to 0 during radio
initialization
0
Reserved
1
Reserved do not modify
PM_CONFIG
0xA4
7
Reserved
0
R/W
6EN_TS_BUFFER
0
1: temperature sensor output
is buffered
5
DISABLE_SMPS
0
0: enable internal SMPS
1: disable internal SMPS
MC_STATE[1]
0xC0
7:3
Reserved
0101
R
2
TX_FIFO_FULL
0
1: TX FIFO is full
1
Reserved
0
0
ERROR_LOCK
0
1: RCO calibrator error
MC_STATE[0]
0xC1
7:1
STATE[6:0]
0
R
Current MC state. See
Table 18.
0
XO_ON
0
1: XO is operating
TX_PCKT_INFO
0xC2
7:6
Reserved
0
R
5:4
TX_SEQ_NUM
0
Current TX packet sequence
number
3:0
Reserved
0
Table 38. Frequently used registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com