Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS1TX Datasheet(PDF) 62 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 58Page - STMicroelectronics STS1TX Datasheet HTML 59Page - STMicroelectronics STS1TX Datasheet HTML 60Page - STMicroelectronics STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics STS1TX Datasheet HTML 64Page - STMicroelectronics STS1TX Datasheet HTML 65Page - STMicroelectronics STS1TX Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Register table
STS1TX
62/70
DocID025109 Rev 1
PCKTLEN1
0x34
7:0
PCKTLEN1
0
R/W
Length of packet in bytes
(MSB)
PCKTLEN0
0x35
7:0
PCKTLEN0
0x14
R/W
Length of packet in bytes
(LSB)
SYNC4
0x36
7:0
SYNC4
0x88
R/W Sync word 4
SYNC3
0x37
7:0
SYNC3
0x88
R/W Sync word 3
SYNC2
0x38
7:0
SYNC2
0x88
R/W Sync word 2
SYNC1
0x39
7:0
SYNC1
0x88
R/W Sync word 1
MBUS_PRMBL
0x3B
7:0
MBUS_PRMBL[7:0]
0x20
R/W
MBUS preamble length in
chip sequence ‘01’
MBUS_PSTMBL
0x3C
7:0
MBUS_PSTMBL[7:0]
0x20
R/W
MBUS postamble length in
chip sequence ‘01’
MBUS_CTRL
0x3D
7:4
Reserved
00000
R/W
3:1
MBUS_SUBMODE[2:0
]
000
MBUS sub mode: allowed
values are 0, 1, 3 and 5
WM-BUS sub mode:
0: S1 S2 long header,
1: S1m S2 T2 other to meter,
3: T1 T2 meter to other,
5: R2 short header
0Reserved
0
FIFO_CONFIG[1]
0x40
7
Reserved
0
R/W
6:0
TXAFTHR [6:0]
110000
R/W
FIFO almost full threshold for
TX FIFO
FIFO_CONFIG[0]
0x41
7
Reserved
0
R/W
6:0
TXAETHR [6:0]
110000
R/W
FIFO almost empty threshold
for TX FIFO
PCKT_FLT_GOALS[3]
0x4B
7:0
TX_DEST_ADDR
0
R/W TX packet destination fields
PCKT_FLT_GOALS[0]
0x4E
7:0
TX_SOURCE_ADDR
0
R/W TX packet source
PROTOCOL[2]
0x50
23:2
1
Reserved
0
R/W
1: CS value contributes to
timeout disabling
20:1
9
TX_SEQ_NUM_RELO
AD[1:0]
0
TX sequence number to be
used when counting reset is
required using the related
command.
18
RCO_CALIBRATION
0
1: enable the automatic RCO
calibration
17
VCO_CALIBRATION
1
1: enable the automatic VCO
calibration
16
LDC_MODE
0
1: LDC mode on
Table 37. Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com