Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GG25L Datasheet(PDF) 6 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GG25L Datasheet HTML 2Page - STMicroelectronics GG25L Datasheet HTML 3Page - STMicroelectronics GG25L Datasheet HTML 4Page - STMicroelectronics GG25L Datasheet HTML 5Page - STMicroelectronics GG25L Datasheet HTML 6Page - STMicroelectronics GG25L Datasheet HTML 7Page - STMicroelectronics GG25L Datasheet HTML 8Page - STMicroelectronics GG25L Datasheet HTML 9Page - STMicroelectronics GG25L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Electrical characteristics
GG25L
6/28
DocID025995 Rev 1
Battery voltage and temperature measurement
Vin_adc
Input voltage range
VCC = 4.5 V
0
4.5
V
LSB
LSB value
Voltage measurement
2.20
mV
Temperature measurement
1
°C
ADC_time
AD conversion time
250
ms
Volt_acc
Battery voltage measurement accuracy
2.7 V < Vin < 4.5 V,
VCC = Vin 25 °C
-0.25
+0.25
%
Over temperature range
-0.5
+0.5
Temp_acc
Internal temperature sensor accuracy
-3
3
°C
Digital I/O pins (SCL, SDA, ALM, RSTIO)
Vih
Input logic high
1.2
V
Vil
Input logic low
0.35
Vol
Output logic low (SDA, ALM, RSTIO)
Iol = 4 mA
0.4
BATD/CD pin
Vith
Input threshold voltage
1.46
1.61
1.76
V
Vihyst
Input voltage hysteresis
0.1
Voh
Output logic high
(charge inhibit mode enable)
Ioh = 3 mA
Vbat-
0.4
Table 5. Electrical characteristics (2.7 V < VCC < 4.5 V, -20C to 70C) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com