Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GG25L Datasheet(PDF) 11 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button GG25L Datasheet HTML 7Page - STMicroelectronics GG25L Datasheet HTML 8Page - STMicroelectronics GG25L Datasheet HTML 9Page - STMicroelectronics GG25L Datasheet HTML 10Page - STMicroelectronics GG25L Datasheet HTML 11Page - STMicroelectronics GG25L Datasheet HTML 12Page - STMicroelectronics GG25L Datasheet HTML 13Page - STMicroelectronics GG25L Datasheet HTML 14Page - STMicroelectronics GG25L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID025995 Rev 1
11/28
GG25L
Functional description
28
6.1.3
Internal temperature monitoring
The chip temperature (close to the battery temperature) is measured using one conversion
cycle of the A/D converter every 16 s.
The conversion cycle takes 213 = 8192 clock cycles. Using the 32768 Hz internal clock, the
conversion cycle time is 250 ms. Resolution is 1° C and range is -40 to +125 °C.
The result is stored in the REG_TEMPERATURE register (see Table 13).
6.1.4
Current sensing
Voltage drop across the sense resistor is integrated during a conversion period and input to
the 14-bit sigma-delta A/D converter.
Using the 32768 Hz internal clock, the conversion cycle time is 500 ms for a 14-bit
resolution. The LSB value is 5.88 µV. The A/D converter output is in two’s complement
format.
When a conversion cycle is completed, the result is added to the Coulomb counter
accumulator and the number of conversions is incremented in a 16-bit counter.
The current register is updated only after the conversion closest to the voltage conversion
(that is: once per 4-s measurement cycle). The result is stored in the REG_CURRENT
register (see Table 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com