Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GG25L Datasheet(PDF) 12 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button GG25L Datasheet HTML 8Page - STMicroelectronics GG25L Datasheet HTML 9Page - STMicroelectronics GG25L Datasheet HTML 10Page - STMicroelectronics GG25L Datasheet HTML 11Page - STMicroelectronics GG25L Datasheet HTML 12Page - STMicroelectronics GG25L Datasheet HTML 13Page - STMicroelectronics GG25L Datasheet HTML 14Page - STMicroelectronics GG25L Datasheet HTML 15Page - STMicroelectronics GG25L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Functional description
GG25L
12/28
DocID025995 Rev 1
6.2
GG25L gas gauge architecture
6.2.1
Coulomb counter
The Coulomb counter is used to track the SOC of the battery when the battery is charging or
discharging at a high rate. Each current conversion result is accumulated (Coulomb
counting) for the calculation of the relative SOC value based on the configuration register.
The system controller can control the Coulomb counter and set and read the SOC register
through the I²C control registers.
Figure 5. Coulomb counter block diagram
The REG_CC_CNF value depends on battery capacity and the current sense resistor. It
scales the charge integrated by the sigma delta converter into a percentage value of the
battery capacity. The default value is 395 (corresponding to a 10 mΩ sense resistor and
1957 mAh battery capacity).
The Coulomb counter is inactive if the VMODE bit is set, this is the default state at power-
on-reset (POR) or reset (VMODE bit = 1).
Writing a value to the register REG_SOC (mixed mode SOC) forces the Coulomb counter
gas gauge algorithm to restart from this new SOC value.
REG_CC_CNF register is a 16-bit integer value and is calculated as shown in Equation 1:
Equation 1
Rsense is in mΩ and Cnom is in mAh.
Example: Rsense =10 mΩ, Cnom = 1650 mAh, REG_CC_CNF = 333
CC SOC
register (internal)
REG_CURRENT
register
register
REG_COUNTER
16-bit counter
REG_CC_CNF
register
CC SOC
calculator
AD converter
EOC
CG
GND
REG_CC_CNF
Rsense Cnom
49.556
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com