| Electronic Components Datasheet Search |
|
GG25L Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
GG25L Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 28 page ![]() DocID025995 Rev 1 19/28 GG25L I²C interface 28 7 I²C interface 7.1 Read and write operations The I²C interface is used to control and read the current accumulator and registers. It is compatible with the Philips I²C Bus® (version 2.1). It is a slave serial interface with a serial data line (SDA) and a serial clock line (SCL). SCL: input clock used to shift data SDA: input/output bidirectional data transfers A filter rejects the potential spikes on the bus data line to preserve data integrity. The bidirectional data line supports transfers up to 400 Kbit/s (fast mode). The data are shifted to and from the chip on the SDA line, MSB first. The first bit must be high (START) followed by the 7-bit device address and the read/write control bit. Bits DevADDR0 to DevADDR2 are factory-programmable, the default device address value being 1110 000 (AddrID0 = AddrID1 = AddrID2 = 0). The GG25L then sends an acknowledge at the end of an 8-bit long sequence. The next eight bits correspond to the register address followed by another acknowledge. The data field is the last 8-bit long sequence sent, followed by a last acknowledge. Table 10. Device address format bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 1110 DevADDR2 DevADDR1 DevADDR0 R/W Table 11. Register address format bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 RegADDR7 RegADDR6 RegADDR5 RegADDR4 RegADDR3 RegADDR2 RegADDR1 RegADDR0 Table 12. Register data format bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 DATA7 DATA6 DATA5 DATA4 DATA3 DATA2 DATA1 DATA0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |