Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GG25L Datasheet(PDF) 10 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button GG25L Datasheet HTML 6Page - STMicroelectronics GG25L Datasheet HTML 7Page - STMicroelectronics GG25L Datasheet HTML 8Page - STMicroelectronics GG25L Datasheet HTML 9Page - STMicroelectronics GG25L Datasheet HTML 10Page - STMicroelectronics GG25L Datasheet HTML 11Page - STMicroelectronics GG25L Datasheet HTML 12Page - STMicroelectronics GG25L Datasheet HTML 13Page - STMicroelectronics GG25L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Functional description
GG25L
10/28
DocID025995 Rev 1
6
Functional description
6.1
Battery monitoring functions
6.1.1
Operating modes
The monitoring functions include the measurement of battery voltage, current, and
temperature. A Coulomb counter is available to track the SOC when the battery is charging
or discharging at a high rate. A sigma-delta A/D converter is used to measure the voltage,
current, and temperature.
The GG25L can operate in two different modes with different power consumption (see
Table 9
. Mode selection is made by the VMODE bit in register 0 (refer to Table 14 for
register 0 definition).
In mixed mode, current is measured continuously (except for a conversion cycle every 4 s
and every 16 s seconds for measuring voltage and temperature respectively). This provides
the highest accuracy from the gas gauge.
In voltage mode with no current sensing, a voltage conversion is made every 4 s and a
temperature conversion every 16 s. This mode provides the lowest power consumption.
It is possible to switch between the two operating modes to get the best accuracy during
active periods, and to save power during standby periods while still keeping track of the
SOC information.
6.1.2
Battery voltage monitoring
Battery voltage is measured by using one conversion cycle of the A/D converter every 4 s.
The conversion cycle takes 213 = 8192 clock cycles. Using the 32768 Hz internal clock, the
conversion cycle time is 250 ms.
The voltage range is 0 to 4.5 V and resolution is 2.20 mV. Accuracy of the voltage
measurement is ±0.5% over the temperature range. This allows accurate SOC information
from the battery open-circuit voltage.
The result is stored in the REG_VOLTAGE register (see Table 13).
Table 9. GG25L operating modes
VMODE
Description
0
Mixed mode, Coulomb counter is active, voltage gas gauge runs in parallel
1
Voltage gas gauge with power saving
Coulomb counter is not used. No current sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com