Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STODD01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 4Page - STMicroelectronics STODD01 Datasheet HTML 5Page - STMicroelectronics STODD01 Datasheet HTML 6Page - STMicroelectronics STODD01 Datasheet HTML 7Page - STMicroelectronics STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics STODD01 Datasheet HTML 10Page - STMicroelectronics STODD01 Datasheet HTML 11Page - STMicroelectronics STODD01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
STODD01
8/31
Doc ID 17789 Rev 2
tSTART
Startup time
VEN from 0 to 5 V, IOUT1=100 mA
500
µs
Inrush current
VOUT=9.25 V, IOUT=100 mA
1.3
A
Step-down section
FB2
Feedback voltage
3.23
3.3
3.37
V
IFB2
FB2 Pin bias current
VFB2= 3.5 V
15
20
µA
FB3
Feedback voltage
0.784
0.8
0.816
mV
IFB3
FB3 Pin bias current
VFB3= 1 V
600
nA
IOUT2,3
Output current (3)
VIN = 4 to 6 V
700
800
mA
IOUT_MIN
Minimum output current
0
mA
ΔV
OUT2,3
Reference load regulation
10 mA < IOUT2,3 < 0.8 A
5.5
15
mV
PWM fS
PWM Switching frequency
IOUT2,3 = 0.3 A
1.2
MHz
%VOUT2/ΔVIN Line regulation
4 V < VIN < 6 V
0.032
%
VOUT
/VIN
%VOUT3/ΔVIN Line regulation
4 V < VIN < 6 V
0.15
%
VOUT
/VIN
DMAX
Maximum duty cycle
VFB2 = 3.0 V, VFB3 = 0.7 V
85
94
%
ISWL
Switching current limitation
1.5
A
ILKP2,3
PMOS Leakage current
VFB2 = 3.5 V, VFB3 = 0.9 V,
VSW2,3= GND, TJ=- 25 to 80 °C
0.1
µA
ILKN2,3
NMOS Leakage current
VFB2 = 3.5 V, VFB3 = 0.9 V,
VSW2,3 = 5 V, TJ =- 25 to 80 °C
0.1
µA
RDSon-N
NMOS Switch on resistance ISW = 250 mA
0.2
0.4
W
RDSon-P
PMOS Switch on resistance
ISW = 250 mA
0.3
0.5
W
ΔV
OUT2,3/ΔIOU
T2,3
Load transient response (2)
100 mA < IOUT2,3 < 500 mA, tR =
tF => 100 ns, TJ = 25 °C
-5
+5
%
VOUT
ν
Efficiency VOUT3 = 1.2 V
IOUT3 = 100 mA
65
%
IOUT3 = 800 mA
80
ν
Efficiency VOUT2 = 3.3 V
IOUT2 = 100 mA
75
%
IOUT2 = 800 mA
90
Reset section
tDEL
Delay time
TJ = 25 °C
100
ms
VR_TH
Reset threshold
VIN Rising (see Figure 12 and
Figure 29) (measured on input
voltage pin)
4.3
4.4
V
VR_TL
VIN Falling (see Figure 12 and
Figure 29) (measured on input
voltage pin)
4.1
4.2
Table 7.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com