Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STODD01 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 11Page - STMicroelectronics STODD01 Datasheet HTML 12Page - STMicroelectronics STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics STODD01 Datasheet HTML 17Page - STMicroelectronics STODD01 Datasheet HTML 18Page - STMicroelectronics STODD01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
STODD01
Detailed description
Doc ID 17789 Rev 2
15/31
Figure 32 shows the in-rush current at enable transient. Initially, the C4 capacitor is
completely discharged and the current limitation is due only to the equivalent series resistor
of the inductor, the power MOSFET parasitic diode, and the cut-off MOSFETs’ RDSon. As
soon as the output voltage reaches the input voltage level, the device begins to switch and
the current is limited cycle by cycle.
The EN pin does not have an internal pull-up, which means that the enable pin cannot be
left floating.
If the enable function is not used, the EN pin must be connected to VIN.
7.3
TX pin
The device implements an S-wire bus communication, which uses one control signal coming
from the microprocessor to program the step-up STODD01 output voltage (see Figure 11).
S-wire protocol allows the feedback voltage of the step-up section to be changed from 0.8 to
1.25 V, with steps of 15 mV (see Table 9).
This feature allows complete and easy control of the laser diode power during read and
write operation.
If this function is not used, the TX pin must be connected to GND.
7.4
Reset function
This flag shows that input voltage is in the correct range.
A comparator senses the input voltage. When it is higher than VR_TH, the reset pin goes to
high impedance, with a delay of 100 ms (typ.). If it is below VR_TL, the reset pin goes to low
impedance (see Figure 12).
Figure 11.
S-Wire connection
Reset
TX
EN
GND
EN
TX
Reset
STODD01
GND
GND
µP
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com