Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STODD01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 12Page - STMicroelectronics STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics STODD01 Datasheet HTML 17Page - STMicroelectronics STODD01 Datasheet HTML 18Page - STMicroelectronics STODD01 Datasheet HTML 19Page - STMicroelectronics STODD01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Detailed description
STODD01
16/31
Doc ID 17789 Rev 2
The use of the reset function requires an external pull-up resistor which must be connected
between the reset pin and VIN or any VOUT voltage lower than 5 V. A pull-up resistor for reset
in the range of 100 k
Ω to 1 MΩ is recommended.
If the reset function is not used, the reset pin may remain floating on the board.
7.5
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 150 °C (typ.) the device stops operating. As soon as the temperature
falls below 135 °C (typ.) normal operation is restored.
7.6
Overvoltage protection
The device provides overvoltage protection for monitoring the step-up output voltage.
If the sensed voltage on ch1 output exceeds 15.3 V (typ.) the step-up channel stops
switching. As soon as the output capacitor is discharged and the sensed voltage is below
14.8 V, it re-starts to switch (see Figure 13).
Figure 12.
Reset function
V
R_TL
V
R_TH
VIN
Reset
t
DEL
V
R_TL
V
R_TH
VIN
Reset
t
DEL
Figure 13.
OVP function
15.3V
14.8V
OUTPUT Voltage
No Switching
Switching
Switching
OVP signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com