Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STODD01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics STODD01 Datasheet HTML 17Page - STMicroelectronics STODD01 Datasheet HTML 18Page - STMicroelectronics STODD01 Datasheet HTML 19Page - STMicroelectronics STODD01 Datasheet HTML 20Page - STMicroelectronics STODD01 Datasheet HTML 21Page - STMicroelectronics STODD01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Typical performance characteristics
STODD01
18/31
Doc ID 17789 Rev 2
Figure 20.
Output leakage current vs.
temperature
Figure 21.
SW current limitation vs.
temperature
Figure 22.
SW current limitation vs.
temperature
Figure 23.
SW current limitation vs.
temperature
Figure 24.
Oscillator frequency vs.
temperature
Figure 25.
Enable vs. temperature
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-40
-20
0
20
40
60
80
100
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 0V, VOUT1 = GND
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-40
-20
0
20406080
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 5V,
VOUT1 = 9.25V (measured @VOUT1 = VOUT1_nom - 10%)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 6V, VEN = 6V,
VOUT2 = 3.25V (measured @VOUT2 = VOUT2_nom - 10%)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 6V, VEN = 6V,
VOUT3 = 1.2V (measured @VOUT3 = VOUT3_nom - 10%)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 1.2V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VEN_H
VEN_TH
VIN_A = VIN_P = 6V, VOUT1 = 7V, IOUT1 = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com