Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STODD01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 5 Page - STMicroelectronics

  STODD01 Datasheet HTML 1Page - STMicroelectronics STODD01 Datasheet HTML 2Page - STMicroelectronics STODD01 Datasheet HTML 3Page - STMicroelectronics STODD01 Datasheet HTML 4Page - STMicroelectronics STODD01 Datasheet HTML 5Page - STMicroelectronics STODD01 Datasheet HTML 6Page - STMicroelectronics STODD01 Datasheet HTML 7Page - STMicroelectronics STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
STODD01
Pin configuration
Doc ID 17789 Rev 2
5/31
3
Pin configuration
Figure 2.
Pin connection (top through view)
Table 5.
Pin description
Pin n°
Symbol
Name and function
1
GND_P
Power Ground pin (ch1)
2
FB1
Step-up feedback pin (ch1)
3VIN_A
Power Supply for internal analog circuits
4
FB2
Step-down feedback pin (ch2)
5
GND_P
Power Ground pin (ch2)
6
SW2
Step-down switching pin (ch2)
7VIN_P
Power input voltage pin
8
SW3
Step-down switching pin (ch3)
9
GND_P
Power Ground pin (ch3)
10
FB3
Step-down feedback pin (ch3)
11
GND_A
Analog Ground pin
12
OUT1
Step-up output voltage
13
TX
S-Wire pin. If connected to GND, VFB1=0.8V
(1)
14
SW1
Step-up switching pin (ch1)
15
EN
Enable pin. Connecting the pin to a voltage higher than 1.2 V the step-up is
ON.Connecting the pin to a voltage lower than 0.4 V the step-up is OFF,
resulting in no current flow to the load
16
Reset
Reset pin. It is an open drain output
Exposed pad
Ground and thermal dissipation pad
1.
If this function is not used, the TX pin must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com