Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW81200T Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 26Page - STMicroelectronics STW81200T Datasheet HTML 27Page - STMicroelectronics STW81200T Datasheet HTML 28Page - STMicroelectronics STW81200T Datasheet HTML 29Page - STMicroelectronics STW81200T Datasheet HTML 30Page - STMicroelectronics STW81200T Datasheet HTML 31Page - STMicroelectronics STW81200T Datasheet HTML 32Page - STMicroelectronics STW81200T Datasheet HTML 33Page - STMicroelectronics STW81200T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Circuit description
STW81200
30/58
DocID025943 Rev 7
The procedure for the VCO and sub-band selection takes approximately 11 * CALDIV PFD
cycles, where CALDIV is the division ratio of the programmable divider included in the path
between the PFD and the selection circuitry. The maximum frequency allowed for the sub-
band selection is 250 kHz and the CALDIV value must be set accordingly if the PFD
frequency is higher.
Once the correct VCO and sub-band are selected the normal PLL operations are resumed.
The VCO core can be supplied from 2.5 to 5 V. The LDO_4V5 regulator (programmable to
4.5 V, 3.3 V and 2.6 V) is used for this purpose. Furthermore, the amplitude of oscillation,
which trades current consumption for phase noise performance, is 4-bit programmable (ST4
Register, VCO_AMP bit). Section 7.15: STW81200 register descriptions shows the allowed
ranges of oscillation amplitude for each available supply setting. In order to achieve the best
phase noise performance, the maximum amplitude setting is recommended.
7.10
RF output divider stage
The signal coming from the VCOs is fed to a flexible RF divider stage.
The divider ratio is programmable among different values (1, 2, 4, 8,16, 32 and 64) and
allows the selection of the desired output frequency band:
•
3.0 to 6.0 GHz (divider ratio = 1)
•
1.5 to 3.0 GHz (divider ratio = 2)
•
0.75 to 1.5 GHz (divider ratio = 4)
•
375 to 750 MHz (divider ratio = 8)
•
187.5 to 375 MHz (divider ratio = 16)
•
93.75 to 187.5 MHz (divider ratio = 32)
•
46.875 to 93.75 MHz (divider ratio = 64)
The final output stage buffer (pins RF1_OUTP, RF1_OUTN) is internally broadband
matched to 100-ohm differential (50-ohm single-ended) and it delivers up to +7 dBm of
output power on a 100-ohm differential load (+4 dBm on 50-ohm from each single-ended
output).
The final output stage buffer has a 3-bit programmable output level and can be powered
down by software and/or hardware (pin PD_RF1) while the internal PLL is locked. The
related circuitry, together with VCO and charge pump, is compatible with supply voltages
ranging from 2.5 V to 5 V. The regulator LDO_4V5, which supplies this block, can be set to
4.5 V, 3.3 V or 2.6 V. When supplied at 2.6 V, only the lowest 2 power levels are allowed
(see ST4 Register settings, RF_OUT_PWR bit)
An auxiliary output stage buffer (pins RF2_OUTP and RF2_OUTN) is available with the
same features of the main one.
The RF division ratio of this auxiliary output can be set independently from the main output
in order to increase the flexibility. Furthermore it is possible to get, on the auxiliary output, a
signal in phase or in quadrature with the main one, if the same frequency is selected on both
outputs.
The auxiliary output stage can also be powered down by software and/or hardware (pin
PD_RF2).
The output stage can be muted until the PLL achieves the lock status; this function can be
activated by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com