Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW81200T Datasheet(PDF) 42 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 38Page - STMicroelectronics STW81200T Datasheet HTML 39Page - STMicroelectronics STW81200T Datasheet HTML 40Page - STMicroelectronics STW81200T Datasheet HTML 41Page - STMicroelectronics STW81200T Datasheet HTML 42Page - STMicroelectronics STW81200T Datasheet HTML 43Page - STMicroelectronics STW81200T Datasheet HTML 44Page - STMicroelectronics STW81200T Datasheet HTML 45Page - STMicroelectronics STW81200T Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
Circuit description
STW81200
42/58
DocID025943 Rev 7
ST5 Register
Address:
STW81200BaseAddress + 0x05
Type:
R/W
Description:
Low power mode control bit
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
[26]
RESERVED: must be set to ‘0’
[25]
RESERVED: must be set to ‘0’
[24:13]
RESERVED: must be set to ‘0’
[12]
VCO_BUFF_LP: VCO Buffer low power mode (0=full power; 1=low power)
[11]
VCO_MUX_LP: VCO MUX low power mode (0=full power; 1=low power)
[10]
RF_DIV2_LP: RF Div. by 2 low power mode (0=full power; 1=low power)
[9]
RF_DIV4_LP: RF Div. by 4 low power mode (0=full power; 1=low power)
[8]
RF_DIV8_LP: RF Div. by 8 low power mode (0=full power; 1=low power)
[7]
RF_DIV16_LP: RF Div. by 16 low power mode (0=full power; 1=low power)
[6]
RF_DIV32_LP: RF Div. by 32 low power mode (0=full power; 1=low power)
[5]
RF_DIV64_LP: RF Div. by 64 low power mode (0=full power; 1=low power)
[4]
RF_DIV_MUXOUT_LP: RF Div. MUX low power mode (0=full power; 1=low power)
[3]
RESERVED: must be set to ‘0’
[2]
PLL_MUX_LP: MUX PLL low power mode (0=full power; 1=low power)
[1]
RESERVED: must be set to ‘0’
[0]
REF_BUFF_LP: Ref. Buffer low power mode (0=full power; 1=low power)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com