Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW81200T Datasheet(PDF) 43 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 39Page - STMicroelectronics STW81200T Datasheet HTML 40Page - STMicroelectronics STW81200T Datasheet HTML 41Page - STMicroelectronics STW81200T Datasheet HTML 42Page - STMicroelectronics STW81200T Datasheet HTML 43Page - STMicroelectronics STW81200T Datasheet HTML 44Page - STMicroelectronics STW81200T Datasheet HTML 45Page - STMicroelectronics STW81200T Datasheet HTML 46Page - STMicroelectronics STW81200T Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
DocID025943 Rev 7
43/58
STW81200
Circuit description
57
ST6 Register
Address:
STW81200BaseAddress + 0x06
Type:
R/W
Description:
VCO Calibrator, Manual VCO control, DSM settings
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
[26]
DITHERING: at ‘1’ enables dithering of DSM output sequence
[25]
CP_UP_OFF: for test purposes only; must be set to ‘0’
[24]
CP_DN_OFF: for test purposes only; must be set to ‘0’
[23:22]
DSM_ORDER: set the order of Delta-Sigma Modulator
00: (0) 3rd order DSM (recommended)
01: (1) 2nd order DSM
10: (2) 1st order DSM
11: (3) 4th order DSM
[21]
DSM_CLK_DISABLE: for test purposes only; must be set to ‘0’
[20]
MAN_CALB_EN: enables manual VCO calibrator mode
0: automatic VCO calibration (VCO_SEL, VCO_WORD settings are ignored)
1: manual VCO calibration (VCO_SEL, VCO_WORD settings are used and the VCO calibration
procedure is inhibited)
[19:18]
VCO_SEL: VCO selection bit
00: (0) VCO_HIGH
01: (1) VCO_LOW
10: (2) VCO_MID
11: (3) VCO_LOW
[17:13]
VCO_WORD: select specific VCO sub-band (range:0 to 31)
[12]
CAL_TEMP_COMP: at ‘1’ enables temperature compensation for VCO calibration procedure (to be used
when PLL Lock condition is required on extremes thermal cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com