Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW81200T Datasheet(PDF) 48 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 44Page - STMicroelectronics STW81200T Datasheet HTML 45Page - STMicroelectronics STW81200T Datasheet HTML 46Page - STMicroelectronics STW81200T Datasheet HTML 47Page - STMicroelectronics STW81200T Datasheet HTML 48Page - STMicroelectronics STW81200T Datasheet HTML 49Page - STMicroelectronics STW81200T Datasheet HTML 50Page - STMicroelectronics STW81200T Datasheet HTML 51Page - STMicroelectronics STW81200T Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Circuit description
STW81200
48/58
DocID025943 Rev 7
ST10 Register
Address:
STW81200BaseAddress + 0x0A
Type:
R
Description:
VCO, Lock det. Status, LDO status
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
RRRR
RRR
RR
R
R
R
[26:18]
RESERVED: fixed to ‘0’
[17]
REG_DIG_STARTUP: DIGITAL regulator ramp-up indicator (‘1’ means correct start-up)
[16]
REG_REF_STARTUP: REFERENCE CLOCK regulator ramp-up indicator (‘1’ means correct start-up)
[15]
REG_RF_STARTUP: RF Output section regulator ramp-up indicator (‘1’ means correct start-up)
[14]
REG_VCO_STARTUP: VCO bias-and-control regulator ramp-up indicator (‘1’ means correct start-up)
[13]
REG_VCO_4V5_STARTUP: High-voltage regulator ramp-up indicator (‘1’ means correct start-up)
[12]
REG_DIG_OCP: DIGITAL regulator over-current protection indicator (‘1’ means over-current detected)
[11]
REG_REF_OCP: REFERENCE CLOCK regulator over-current protection indicator (‘1’ means over-
current detected)
[10]
REG_RF_OCP: RF Output section regulator over-current protection indicator (‘1’ means over-current
detected)
[9]
REG_VCO_OCP: VCO Bias and
Control regulator over-current protection indicator (‘1’ means over-current detected)
[8]
REG_VCO_4V5_OCP: High Voltage regulator over-current protection indicator (‘1’ means over-current
detected)
[7]
LOCK_DET: Lock detector status bit (‘1’ means PLL locked)
[6:5]
VCO_SEL: VCO selected by Calibration algorithm
00: (0) VCO_HIGH
01: (1) VCO_LOW
10: (2) VCO_MID
11: (3) VCO_LOW
[4:0]
WORD: specific VCO sub-band selected by Calibration algorithm (Range:0 to 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com