Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW81200T Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 36Page - STMicroelectronics STW81200T Datasheet HTML 37Page - STMicroelectronics STW81200T Datasheet HTML 38Page - STMicroelectronics STW81200T Datasheet HTML 39Page - STMicroelectronics STW81200T Datasheet HTML 40Page - STMicroelectronics STW81200T Datasheet HTML 41Page - STMicroelectronics STW81200T Datasheet HTML 42Page - STMicroelectronics STW81200T Datasheet HTML 43Page - STMicroelectronics STW81200T Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Circuit description
STW81200
40/58
DocID025943 Rev 7
ST4 Register
Address:
STW81200BaseAddress + 0x04
Type:
R/W
Description:
Lock det. control, Ref. Buffer, CP supply mode, VCO settings, Output power control
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
[26]
RESERVED: must be set to ‘0’
[25:23]
RF_OUT_PWR: RF output power control bit; set output power level of differential signal (valid
for both RF1 and RF2 outputs; measured @ 4 GHz). When VCC_RFOUT is supplied at 2.6 V
‘0’ and ‘1’ are the only values allowed.
000: (0) -1.0 dBm (-4.0 dBm on each single-ended signal)
001: (1) +1.0 dBm (-2.0 dBm on each single-ended signal)
010: (2) +2.5 dBm (-0.5 dBm on each single-ended signal)
011: (3) +3.5 dBm (+0.5 dBm on each single-ended signal)
100: (4) +4.5 dBm (+1.5 dBm on each single-ended signal)
101: (5) +5.5 dBm (+2.5 dBm on each single-ended signal)
110: (6) +6.5 dBm (+3.5 dBm on each single-ended signal)
111: (7) +7.0 dBm (+4.0 dBm on each single-ended signal)
[22]
VCO_2V5_MODE: to be set to ‘1’ when VCO core (pin #3) is supplied at 2.6 V
[21]
RESERVED: must be set to ‘0’
[20]
RESERVED: must be set to ‘0’
[19]
EXT_VCO_EN: external VCO Buffer enable
0: external VCO buffer disabled; integrated VCOs are used
1: external VCO buffer enabled; external VCO required (internal VCOs are powered down)
[18:15]
VCO_AMP: set VCO signal amplitude at the internal oscillator circuit nodes; higher signal level
gives best phase noise performance while lower signal level gives low current consumption.
Different ranges of value are available, based upon the supply voltage provided to pin
VCC_VCO_core (pin #3).
Allowed settings:
0000 to 0110: (0-6) when VCO core is supplied at 2.6 V
0000 to 1010: (0-10) when VCO core is supplied at 3.3 V
0000 to 1111: (0-15) when VCO core is supplied at 4.5/5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com