Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBTLE-1S Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 3Page - STMicroelectronics SPBTLE-1S Datasheet HTML 4Page - STMicroelectronics SPBTLE-1S Datasheet HTML 5Page - STMicroelectronics SPBTLE-1S Datasheet HTML 6Page - STMicroelectronics SPBTLE-1S Datasheet HTML 7Page - STMicroelectronics SPBTLE-1S Datasheet HTML 8Page - STMicroelectronics SPBTLE-1S Datasheet HTML 9Page - STMicroelectronics SPBTLE-1S Datasheet HTML 10Page - STMicroelectronics SPBTLE-1S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SPBTLE-1S
Software development
DocID030445 Rev 3
7/27
3
Software development
3.1
Software development Kit
The SPBTLE-1S module embeds the BlueNRG-1 application processor. Refer to the
BlueNRG-1 web page (http://www.st.com/en/wireless-connectivity/bluenrg-1.html) to get
access to:
BlueNRG-1 datasheet
development kit
application notes
user manuals
tools & software
design note and tips
Software and firmware should be configured taking into account the SPBTLE-1 specific
configuration as described in the block diagram chapter. In particular the SPBTLE-1
module has:
32 MHz crystal oscillator
32 KHz crystal oscillator
SMPS DC-DC converter
10 µH SMPS inductor
The projects provided with the development kit should be customized defining as following:
HS_SPEED_XTAL=HS_SPEED_XTAL_32MHZ
LS_SOURCE=LS_SOURCE_EXTERNAL_32KHZ
SMPS_INDUCTOR=SMPS_INDUCTOR_10µH
3.2
Software architecture
There are two possible software architectures:
Host-less mode (application processor): customer application runs on the SPBTLE-1S
module. Many sample projects are available in the Development Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com