Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBTLE-1S Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 18Page - STMicroelectronics SPBTLE-1S Datasheet HTML 19Page - STMicroelectronics SPBTLE-1S Datasheet HTML 20Page - STMicroelectronics SPBTLE-1S Datasheet HTML 21Page - STMicroelectronics SPBTLE-1S Datasheet HTML 22Page - STMicroelectronics SPBTLE-1S Datasheet HTML 23Page - STMicroelectronics SPBTLE-1S Datasheet HTML 24Page - STMicroelectronics SPBTLE-1S Datasheet HTML 25Page - STMicroelectronics SPBTLE-1S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
CE certification
SPBTLE-1S
22/27
DocID030445 Rev 3
7
CE certification
The SPBTLE-1S module has been certified according to the following certification rules :
EN 300 328 V 2.1.1 (2016-11) (a)
ETSI EN 301 489-17 V3.1.1 (2017-02) (b)
ETSI EN 301 489-1 V2.1.1 (2017-02) (c)
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013 (d)
EN 62479:2010
a) EN 300 328 V 2.1.1 (2016 11)
: “electromagnetic compatibility and radio spectrum
Matters (ERM); Wideband transmission systems; data transmission equipment operating in
the 2.4 GHZ ISM band and using wideband modulation techniques; harmonized EN
covering essential requirements under ar
ticle 3.2 of the R&TTE directive”.
b) EN 301 489-
17 V 3.1.1 (2017 02): “electromagnetic compatibility and radio spectrum
Matters (ERM); electromagnetic compatibility (EMC) standard for radio equipment and
services; part 17: specific condition for 2.4 GHz wideband transmission systems and 5 GHz
high performance RLAN equipment.
c) ETSI EN 301 489-
1 V2.1.1 (2017 02): “electromagnetic compatibility and radio spectrum
Matters (ERM); electromagnetic compatibility (EMC) standard for radio equipment and
services;
part 1: Common technical requirements”.
d) EN60950-
1:2006 +A11:2009+A1:2010+A12:2011+A2:2013: “Information technology
equipment -
safety”.
The module is provided by CE marking:
Figure 12: CE marking
The module has obtained the RED certificate: No. 0051-RED-0010 REV. 0
The certified module production firmware release is:
2.X
For additional information please refer to:
STMicroelectronics Via C. Olivetti , 2 Agrate Brianza 20864 (ITALY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com