Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBTLE-1S Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 1 Page - STMicroelectronics

  SPBTLE-1S Datasheet HTML 1Page - STMicroelectronics SPBTLE-1S Datasheet HTML 2Page - STMicroelectronics SPBTLE-1S Datasheet HTML 3Page - STMicroelectronics SPBTLE-1S Datasheet HTML 4Page - STMicroelectronics SPBTLE-1S Datasheet HTML 5Page - STMicroelectronics SPBTLE-1S Datasheet HTML 6Page - STMicroelectronics SPBTLE-1S Datasheet HTML 7Page - STMicroelectronics SPBTLE-1S Datasheet HTML 8Page - STMicroelectronics SPBTLE-1S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
October 2017
DocID030445 Rev 3
1/27
This is information on a product in full production.
www.st.com
SPBTLE-1S
Very low power application processor module for Bluetooth®
Low Energy v4.2
Datasheet - production data
Features
Bluetooth v4.2 compliant
Supports master and slave modes
Multiple roles supported simultaneously
High performance, ultra-low power Cortex-
M0 32-bit based architecture core
Programmable embedded 160 KB Flash
24 KB embedded RAM with data retention
Interfaces:
1 x UART, 2 x I²C, 1xSPI, 14 x GPIO, 2
x multifunction timer, 10-bit ADC,
Watchdog & RTC, DMA controller,
PDM stream processor, SWD debug
Interface
Bluetooth radio performance:
Max Tx power: + 5 dBm
Excellent link reliability
On-board chip antenna
Small form factor: 11.5 mm x 13.5 mm
Complemented with Bluetooth low energy
protocol stack library (GAP, GATT, SM,
L2CAP, LL)
AES security co-processor
Bluetooth low energy SDK with wide range
of profile available
Certifications:
EU (RED) Type certificate
FCC, IC modular approval certification
SRRC Chinese Certification
BT SIG End Product QDID
Pre-programmed UART bootloader
Operating supply voltage: from 1.7 to 3.6 V
Operating temperature range: -40 °C to
85 °C
Applications
Internet of Things
Smart Home
Building and Industrial Automation
Smart Lighting
Remote and access control
Fitness, wellness and sports
Consumer medical
Security and proximity
Assisted living
PC and smart phone peripherals
Description
The SPBTLE-1S is a Bluetooth® low Energy
System-on-Chip application processor certified
module, compliant with BT specifications v4.2
and BQE qualified. The SPBTLE-1S module
supports multiple roles simultaneously and can
act at the same time as Bluetooth Smart master
and slave device.
The SPBTLE-1S is based on BlueNRG-1 system-
on-chip and entire Bluetooth Low Energy stack
and protocols are embedded into module.
The SPBTLE-1S module provides a complete RF
platform in a tiny form factor. Radio, embedded
antenna and high frequency oscillators are
integrated to offer a certified solution to optimize
the time to market of the final applications.
The SPBTLE-1S can be powered directly with a
pair of AAA batteries or any power source from
1.7 to 3.6 V.


Similar Part No. - SPBTLE-1S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
929Kb / 23P
Fitness, wellness and sports
11-Jan-2016
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
SPBTLE-RF0 STMICROELECTRONICS-SPBTLE-RF0 Datasheet
3Mb / 25P
Very low power network processor module for Bluetooth® Low Energy v4.1
13-Jan-2021
More results

Similar Description - SPBTLE-1S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
logo
STMicroelectronics
BLUENRG-M2 STMICROELECTRONICS-BLUENRG-M2 Datasheet
2Mb / 30P
Very low power application processor module for Bluetooth® low energy v5.0
Rev 2
BLUENRG-M0 STMICROELECTRONICS-BLUENRG-M0 Datasheet
2Mb / 28P
Very low power network processor module for Bluetooth® low energy v4.2
Mar-2020
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
logo
STMicroelectronics
SPBTLE-RF0 STMICROELECTRONICS-SPBTLE-RF0 Datasheet
3Mb / 25P
Very low power network processor module for Bluetooth® Low Energy v4.1
13-Jan-2021
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com