Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBTLE-1S Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 12Page - STMicroelectronics SPBTLE-1S Datasheet HTML 13Page - STMicroelectronics SPBTLE-1S Datasheet HTML 14Page - STMicroelectronics SPBTLE-1S Datasheet HTML 15Page - STMicroelectronics SPBTLE-1S Datasheet HTML 16Page - STMicroelectronics SPBTLE-1S Datasheet HTML 17Page - STMicroelectronics SPBTLE-1S Datasheet HTML 18Page - STMicroelectronics SPBTLE-1S Datasheet HTML 19Page - STMicroelectronics SPBTLE-1S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Hardware design
SPBTLE-1S
16/27
DocID030445 Rev 3
5
Hardware design
All unused pins should be left floating; do not ground
GND pin must be well grounded
Traces should not be routed underneath the module
The area around the module should be free of any ground planes, power planes,
trace routings, or metal for 6 mm from the module antenna position, in all
directions.
5.1
Reset circuitry
The SPBTLE-1S module requires an external pull-up reset circuitry to ensure proper
operation at power on. Refer to the “Reset management” chapter of the BlueNRG-1
datasheet for details.
Figure 10: Reset circuitry
5.2
Debug interface
The SPBTLE-1S embeds the ARM serial wire debug (SWD) port. It is two pins (clock and
single bi-directional data) debug interface, providing all the debug functionality plus real
time access to system memory without halting the processor or requiring any target
resident code.
Table 7: Debug interface pin
Pin functionality
Module PIN
Pin description
SWCLK
12
SWD clock signal
SWDIO
13
SWD data signal
For more information refer to the BlueNRG-1 technical documentation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com