Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBTLE-1S Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 6Page - STMicroelectronics SPBTLE-1S Datasheet HTML 7Page - STMicroelectronics SPBTLE-1S Datasheet HTML 8Page - STMicroelectronics SPBTLE-1S Datasheet HTML 9Page - STMicroelectronics SPBTLE-1S Datasheet HTML 10Page - STMicroelectronics SPBTLE-1S Datasheet HTML 11Page - STMicroelectronics SPBTLE-1S Datasheet HTML 12Page - STMicroelectronics SPBTLE-1S Datasheet HTML 13Page - STMicroelectronics SPBTLE-1S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Hardware specifications
SPBTLE-1S
10/27
DocID030445 Rev 3
4
Hardware specifications
General conditions (VIN = 3.3 V and 25 °C)
Table 1: Absolute maximum ratings
Rating
Min.
Typ.
Max.
Unit
Storage temperature range
- 40
+ 95
°C
Supply voltage, VIN
- 0.3
+ 3.9
V
I/O pin Voltage (VIO five-volt tolerant pin)
- 0.3
+ 3.9
V
RF saturation input power
8
dBm
Table 2: Recommended operating conditions
Rating
Min.
Typ.
Max.
Unit
Operating temperature range
- 40
+ 85
°C
Supply voltage, VIN
1.7
3.3
3.6
V
Signals & I/O pin voltage (according supply voltage)
1.7
3.6
V
Table 3: Radio features
Rating
Min.
Typ.
Max.
Unit
Bluetooth version
4.2
Radiated transmit power
+ 4.48
dBm
Receiver sensitivity
- 84
dBm
RF Frequency
2402
2480
MHz
HS_Startup_Time a
512
µs
4.1
Current consumption
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VIN = 3.0 V.
Current consumption values has been taken using the “BlueNRG current consumption
estimation tool”, configured to match the SPBTLE-1S configuration.
The tool is available on ST.com at:
http://www.st.com/en/embedded-software/stsw-bnrg001.html
Reported values have been taken configuring the tool as shown in the follow figure:
a The HS_Startup_Time has been measured according to the “Bringing up the BlueNRG-1 device” (AN4818). The
HS_Startup_Time parameter is important because it permits minimization of the current consumption. A value that
is too short prevents the SPBTLE-1S from correctly sending/receiving packets. Users should set the typical value
as indicated in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com