Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBTLE-1S Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 13Page - STMicroelectronics SPBTLE-1S Datasheet HTML 14Page - STMicroelectronics SPBTLE-1S Datasheet HTML 15Page - STMicroelectronics SPBTLE-1S Datasheet HTML 16Page - STMicroelectronics SPBTLE-1S Datasheet HTML 17Page - STMicroelectronics SPBTLE-1S Datasheet HTML 18Page - STMicroelectronics SPBTLE-1S Datasheet HTML 19Page - STMicroelectronics SPBTLE-1S Datasheet HTML 20Page - STMicroelectronics SPBTLE-1S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SPBTLE-1S
Hardware design
DocID030445 Rev 3
17/27
(http://www.st.com/en/wireless-connectivity/bluenrg-1.html )
5.3
Reflow soldering
The SPBTLE-1S is a high temperature strength surface mount Bluetooth® module supplied
on a 23 pin, 4-layer PCB.
Module is assembled with special soldering paste that allow to make the additional reflow
with no changes in the module original characteristic. It’s important to respect the
parameter listed in the follow table.
The final assembly recommended reflow profiles are indicated here below.
Soldering phase has to be executed with care: in order to avoid undesired melting
phenomenon, particular attention has to be taken on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on following
recommendations.
Table 8: Soldering
Profile feature
Pb-free assembly
Average ramp up rate (TSMAX to Tp)
3 °C / sec max
Preheat
Temperature min (TS min)
150 °C
Temperature max (TS max)
200 °C
Time (tS min to tS max) (tS))
60 - 100 sec
Time maintained above
Temperature TL
217 °C
Time tL
60 - 70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (TP)
10 - 20 sec
Ramp down rate
6 °C / sec
Time from 25 °C to peak temperature
8 minutes max
Figure 11: Soldering profiles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com