Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9937P
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9937P Datasheet HTML 5Page - STMicroelectronics STV9937P Datasheet HTML 6Page - STMicroelectronics STV9937P Datasheet HTML 7Page - STMicroelectronics STV9937P Datasheet HTML 8Page - STMicroelectronics STV9937P Datasheet HTML 9Page - STMicroelectronics STV9937P Datasheet HTML 10Page - STMicroelectronics STV9937P Datasheet HTML 11Page - STMicroelectronics STV9937P Datasheet HTML 12Page - STMicroelectronics STV9937P Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9/49
STV9937
Register Addressing
2
Register Addressing
All OSD control registers are located in Window 0, Row 0. PictureBooSTTM control registers are
located in Window 0, Row 1. All color-boxes data are located in Window 0, Row 2.
Three formats are available: A, B and C, as described in the I²C protocol (see Section 2.1: I²C
Protocol).
All addresses (FAC and FWR bytes) are based on Formats A or B, and are written in hexadecimal
format.
2.1
I²C Protocol
The serial interface with the microcontroller is an I²C bus with 2 wires: SCL and SDA.The OSD is a
slave circuit with 2 modes: Write and Read. The slave address of the OSD is BAh in write mode and
BBh in read mode.
2.1.1
Data to Write
In the OSD, the I²C bus is used to write - read:
●
the control data
●
the character codes and their respective color codes
●
the color-boxes (8 color-boxes per window).
A color-box contains the character color, character background color and blink data. There are 8
color-boxes for each OSD window which are used to define the colors available for all the
characters of the given OSD window. 3 bits are required to code the 8 color-boxes. These bits are
the color code.
For more information, refer to Section 4.5: Character Colors on page 22.
Each character code is related to its own window, row and column. Consequently, the protocol of
the I²C transmission includes this information (window, row and column) to define the position of the
character on the screen. These 3 pieces of information about the position are transmitted in 2 bytes.
As each character on the screen has its own color code, the same protocol is used to write all the
color codes and character codes. Only the attribute bit called ‘A’ allows the character codes to be
distinguished from the color codes corresponding to one position on the screen.
The control data is also written with the same protocol using windows, rows and columns. Window
0 is reserved for control data and color codes.
2.1.2
Transmission Formats
There are 3 transmission formats to suit the amount of data to update. The transmission format is
coded in the “window/row/column” bytes.
Format A is suitable for updating small amounts of data which are allocated to different window, row
and column addresses.
Format B is recommended for updating data for the same window and the same row address, but
with a different column address and when changing the Character/Color-box attribute (bit A), or
when writing to a different I²C control register.
Format C is appropriate for updating large amounts of data from a full window or full screen. The
window, row and column addresses are incremented automatically when this format is applied.
Data is written to fill all the allocation memory of the windows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com