Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV9937P
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV9937P Datasheet HTML 29Page - STMicroelectronics STV9937P Datasheet HTML 30Page - STMicroelectronics STV9937P Datasheet HTML 31Page - STMicroelectronics STV9937P Datasheet HTML 32Page - STMicroelectronics STV9937P Datasheet HTML 33Page - STMicroelectronics STV9937P Datasheet HTML 34Page - STMicroelectronics STV9937P Datasheet HTML 35Page - STMicroelectronics STV9937P Datasheet HTML 36Page - STMicroelectronics STV9937P Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33/49
STV9937
Picture BooSTTM
7.3
Control Registers Description
Table 36: Control Registers PB: Window 0, W[2:0] = “000”, row = 1 R[3:0] =”0001”
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Row
Col.
1
0
THCTL
CLP
ENCL
HFLYP
OSDREF
Reserved
ENPB
1
1
Reserved
Reserved
PBVM
PBON
1
2
OFFSETLIN[1:0]
OFFSETPIX[5:0]
13
X1[12:8]
14
X1[7:0]
15
X2[12:8]
16
X2[7:0]
17
Y1[10:8]
18
Y1[7:0]
19
Y2[10:8]
1A
Y2[7:0]
1
B
D3A[7:0]
1
C
D3B[7:0]
1D
D3C[7:0]
1E
Reserved
1F
Reserved
1
1x
Reserved
11F
HMUX
0
0
0
0
0
0
0
Table 37: PictureBooSTTM Configuration
Bit
Description
THCTL
The THCTL bit selects the thresholds of the input voltage (low or high)
0: Low thresholds selected
1: High thresholds selected (Default value)
CLP
The CLP bit selects the polarity of the Hsync signal for the clamp
0: Clamp when Hsync = 1 (Default value)
1: Clamp when Hsync = 0
ENCL
The ENCL bit enables the clamping function for the RGB input stage
0: Clamping disabled
1: Clamping enabled (Default value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com