Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9937P
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9937P Datasheet HTML 9Page - STMicroelectronics STV9937P Datasheet HTML 10Page - STMicroelectronics STV9937P Datasheet HTML 11Page - STMicroelectronics STV9937P Datasheet HTML 12Page - STMicroelectronics STV9937P Datasheet HTML 13Page - STMicroelectronics STV9937P Datasheet HTML 14Page - STMicroelectronics STV9937P Datasheet HTML 15Page - STMicroelectronics STV9937P Datasheet HTML 16Page - STMicroelectronics STV9937P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13/49
STV9937
Window Specifications
3
Window Specifications
Four different independent windows with separate character displays can be simultaneously
displayed on screen. It is possible to have overlapping windows with an automatic control of display
priorities: downscale priorities from Window 4 to Window 1.
Window 1 is well-adapted for the OSD general menu.
The 4 windows, each with its own character display, can be positioned anywhere on the screen.
The following characteristics are defined for each window:
●
Enable Display
●
Position
●
Size, adjustable with memory allocation
●
Background Color
●
Bordering or Shadowing effects with programmable color, height and width.
Figure 6: Example of Window Displays
Screen
Window 1
Window 2
Window 3
Window 4
Axis
HD
VD
Origin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com