Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P Datasheet(PDF) 45 Page - STMicroelectronics

Part # STV9937P
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STV9937P Datasheet HTML 41Page - STMicroelectronics STV9937P Datasheet HTML 42Page - STMicroelectronics STV9937P Datasheet HTML 43Page - STMicroelectronics STV9937P Datasheet HTML 44Page - STMicroelectronics STV9937P Datasheet HTML 45Page - STMicroelectronics STV9937P Datasheet HTML 46Page - STMicroelectronics STV9937P Datasheet HTML 47Page - STMicroelectronics STV9937P Datasheet HTML 48Page - STMicroelectronics STV9937P Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
45/49
STV9937
Electrical and Timing Characteristics
12
Electrical and Timing Characteristics
12.1
Absolute Maximum Ratings
12.2
Operating Conditions
12.3
Electrical and Timing Characteristics
(VDD = 3.3V, VSS = 0V, TA = 0 to 70
o, unless otherwise specified)
Symbol
Parameter
Value
Unit
AVDD, IVDD, DVDD, OVDD DC Supply Voltage
-0.5, +4.0
V
VIN
Input Voltage for SCL, SDA, VS, HFLY and HSYNC
-0.5, 5.5
V
TOPER
Ambient Operating Temperature
0, +70
oC
TSTG
Storage Temperature
-40, +125
oC
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
DC Supply Voltage AVDD, IVDD, DVDD, OVDD.
3.0
3.3
3.6
V
TOPER
Ambient Operating Temperature
0
25
70
oC
Symbol
Parameter
Min.
Typ.
Max.
Unit
Electrical Characteristics
IDD
Analog and Digital Supply Current AIDD+ DIDD + OIDD
50
mA
VIL
Input Low Voltage (SCL, SDA, VS, HFLY, HSYNC, TEST1 and TEST2 pins)
0.8
V
RIN, GIN, BIN (Video Input Voltage Amplitude) 1
1. For PictureBoost data transmission only
050
mV
VIH
Input High Voltage (SCL, SDA, VS, HFLY and HSYNC pins)
Test inputs are connected to ground
2.0
5.0
V
RIN, GIN, BIN (Video Input Voltage Amplitude) 1
0.5
0.7
1.0
V
VOL
ROUT, GOUT, BOUT, FBLK and PB Output Low Voltage (IOL = 3 mA)
0.4
V
SDA Open Drain Output Low Voltage (IOL = 4 mA)
0.4
V
VOH
ROUT, GOUT, BOUT, FBLK and PB Output High Voltage (IOH = 3 mA)
2.4
-
V
SDA Open Drain Output High Voltage,
pulled up by external 3V to 5V power supply
5.0
V
Timing Characteristics
Freq (Hline) Horizontal Synchronization Input Range
150
kHz
tr
ROUT, GOUT, BOUT, FBLK and PB Output rise time (CLOAD = 15 pF)
2ns
tf
ROUT, GOUT, BOUT, FBLK and PB Output fall time (CLOAD = 15 pF)
2ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com