Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV9937P
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV9937P Datasheet HTML 39Page - STMicroelectronics STV9937P Datasheet HTML 40Page - STMicroelectronics STV9937P Datasheet HTML 41Page - STMicroelectronics STV9937P Datasheet HTML 42Page - STMicroelectronics STV9937P Datasheet HTML 43Page - STMicroelectronics STV9937P Datasheet HTML 44Page - STMicroelectronics STV9937P Datasheet HTML 45Page - STMicroelectronics STV9937P Datasheet HTML 46Page - STMicroelectronics STV9937P Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
43/49
STV9937
Application Hints
Re-allocation, reset, and writing new characters in windows
1. Disable windows.
2. Write new allocations.
3. Reset the windows.
4. Write new positions and sizes in control registers.
5. Write new color-boxes.
6. Write new characters and color-box data.
7. Enable windows.
10.2
Hardware Hints
●
The serial resistors on the ROUT, GOUT, BOUT, FBLK and PB outputs must be as close as
possible to the device.
●
Both decoupling capacitors (100 nF and 100 µF) must be as close as possible to the analog
(pin 13) and digital (pin5) power supplies (see Figure 15).
●
PLL network must be close to the device but far from the ROUT, GOUT, BOUT, FBLK and PB
outputs. PLL network and ROUT, GOUT, BOUT and FBLK outputs should be separated by the
AVDD 3.3 V power trace.
●
PLL ground (AGND) should not be connected either to DVSS or to other grounds of the
videoboard, as the ground is already connected internally.
●
It is better to supply the STV9937 device through ferrite beads (as an example the ferrite bead
could be 742 760 5 type from Würth Electronik) instead of traditional inductance that could
damage the OSD jitter with some parasitic resonance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com