Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV9937P
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV9937P Datasheet HTML 12Page - STMicroelectronics STV9937P Datasheet HTML 13Page - STMicroelectronics STV9937P Datasheet HTML 14Page - STMicroelectronics STV9937P Datasheet HTML 15Page - STMicroelectronics STV9937P Datasheet HTML 16Page - STMicroelectronics STV9937P Datasheet HTML 17Page - STMicroelectronics STV9937P Datasheet HTML 18Page - STMicroelectronics STV9937P Datasheet HTML 19Page - STMicroelectronics STV9937P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Window Specifications
STV9937
16/49
3.4
Window Size: Number of Character Rows and Character Columns
3.4.1
Window Horizontal Size
The window horizontal size defines the number of characters displayed for character row for each
separate OSD window. This value is selected by bits HSW1[4:0], HSW2[4:0], HSW3[4:0] and
HSW4[4:0], respectively.
The range of the window horizontal size is from 1 to 32 characters, in steps of 1 character each.
Each character is 12 pixels long. There is an offset of 1 character.
Window Horizontal Size = HSWi[4:0] +1 characters
The default values for the window horizontal size for each of the four OSD windows is given in
Table 10.
3.4.2
Window Vertical Size
The window vertical size defines the number of character rows displayed for each separate OSD
window. This value is selected by bits VSW1[3:0], VSW2[3:0], VSW3[3:0] and VSW4[3:0],
respectively.
The range of the window vertical size is from 1 to 16 character rows, in steps of 1 character row
each. It is important to note that the height of each character row is defined by the row height
parameter. For more information, refer to Section 4.4: Space Lines on page 21. There is an offset of
1 character row.
Window Vertical Size = (VSWi[3:0] + 1) x Row_Height (in scan lines)
Row_Height = Character_Height + 2 x Space_Lines
The default values for the window vertical size for each of the four OSD windows is given in
Table 11.
Table 12 shows an example of the origin and size of windows based on the example shown in
Figure 8,
Table 10: Window Horizontal Size
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Eh, 13h,
18h, 1Dh
19h, 9h,
Fh, Fh
HSWi[4:0]
Table 11: Window Vertical Size
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Fh, 14h,
19h, 1Eh
Bh, 4h,
7h, 7h
VSWi[3:0]
Table 12: Example of Origin and Size of Windows
Window i
HD
VD
HSWi
VSWi
Window 1
0274
Window 2
5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com