Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P/AA Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9937P/AA
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P/AA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV9937P/AA Datasheet HTML 3Page - STMicroelectronics STV9937P/AA Datasheet HTML 4Page - STMicroelectronics STV9937P/AA Datasheet HTML 5Page - STMicroelectronics STV9937P/AA Datasheet HTML 6Page - STMicroelectronics STV9937P/AA Datasheet HTML 7Page - STMicroelectronics STV9937P/AA Datasheet HTML 8Page - STMicroelectronics STV9937P/AA Datasheet HTML 9Page - STMicroelectronics STV9937P/AA Datasheet HTML 10Page - STMicroelectronics STV9937P/AA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7/49
STV9937
General Description
1.1
Pin Description
Figure 4: Pin Connections
Table 1: Pin Descriptions
N°
Pin Name
Direction
Digital/Analog
Function
1
AVSS
-
Supply
Analog Ground
2
RP
I/O
Analog
for VCO
3
VCO
I/O
Analog
for VCO
4
AVDD
-
Supply
Analog Power Supply
5
TEST1
Input
Digital
Remains at 0 (for test purposes only)
6
TEST2
Input
Digital
Remains at 0 (for test purposes only)
7
HFLY
Input
Digital
Horizontal Flyback Input
8
VS
Input
Digital
Vertical Synchronization Input
9
HSYNC
Input
Digital
Horizontal Synchronization Input
10
SDA
I/O
Digital
Serial Data of I²C bus
11
SCL
Input
Digital
Serial Clock of I²C bus
11
DVDD
-
Supply
Digital Power Supply
12
N/C
-
-
-
13
FBLK
Output
Digital
Fast Blanking Output
14
ROUT
Output
Digital
OSD Red Color Output
15
GOUT
Output
Digital
OSD Green Color Output
16
BOUT
Output
Digital
OSD Blue Color Output
17
PB
Output
Digital
PictureBooSTTM Output
18
DVSS
-
Supply
Digital Ground
IVSS
BIN
GIN
RIN
IVDD
DVDD
DVSS
PB
BOUT
GOUT
ROUT
FBLK
AVSS
RP
VCO
AVDD
TEST1
TEST2
HFLY
VS
HSYNC
SDA
SCL
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com