Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P/AA Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9937P/AA
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P/AA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9937P/AA Datasheet HTML 8Page - STMicroelectronics STV9937P/AA Datasheet HTML 9Page - STMicroelectronics STV9937P/AA Datasheet HTML 10Page - STMicroelectronics STV9937P/AA Datasheet HTML 11Page - STMicroelectronics STV9937P/AA Datasheet HTML 12Page - STMicroelectronics STV9937P/AA Datasheet HTML 13Page - STMicroelectronics STV9937P/AA Datasheet HTML 14Page - STMicroelectronics STV9937P/AA Datasheet HTML 15Page - STMicroelectronics STV9937P/AA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Register Addressing
STV9937
12/49
To change from Format B to Format C
S - FWR[0]- FAC[0]- D[0]
® FAC[1]- D[1] ® FAC[2]- D[2] ® D[3] ® D[4]...
The “F” bit from the FAC byte is as follows: F[0] = F[1] = “0” and F[2] = “1”
It is not possible to change from Format C back to Format A or B.
2.3
Read Mode
The transmission format is shown as below:
Start - S(w) - FWR- FAC - Stop - Start - S(r) - D
® D ® D ® D...Stop
Where:
S(w) = Slave address in write mode = BAh = 10111010,
S(r) = Slave address in read mode = BBh = 10111011.
Registers and data in RAM are readable.
This mode is useful when developing OSD applications.
2.4
Addressing Map
Figure 5: Format Changing Sequences
Table 4: Window Addressing Map
Window
Row
Column
Data
Window 0
Row 0
Columns 0 to 31
Control Data (8 bits)
Window 0
Row 1
Columns 0 to 31
PictureBooSTTM Data
Window 0
Row 2
Columns 0 to 31
Color-boxes (8 bits)
Windows 1, 2, 3 and 4
Rows 0 to n (n = 15 max.)
Columns 0 to m (m = 31 max.)
Characters Coding (12 bits)
start
Format A
Start
Format C
Format B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com