Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P/AA Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV9937P/AA
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P/AA Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV9937P/AA Datasheet HTML 36Page - STMicroelectronics STV9937P/AA Datasheet HTML 37Page - STMicroelectronics STV9937P/AA Datasheet HTML 38Page - STMicroelectronics STV9937P/AA Datasheet HTML 39Page - STMicroelectronics STV9937P/AA Datasheet HTML 40Page - STMicroelectronics STV9937P/AA Datasheet HTML 41Page - STMicroelectronics STV9937P/AA Datasheet HTML 42Page - STMicroelectronics STV9937P/AA Datasheet HTML 43Page - STMicroelectronics STV9937P/AA Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Registers
STV9937
40/49
Table 49: Control Registers: Window 0, Row = 1
FWR
FAC
Col
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
81h
00h
0h
50h
0
THCTL = 1
CLP = 0
ENCL = 1 HFLYP = 0 OSDREF = 0
0
ENPB = 0
81h
01h
1h
4h
0
1
PBVM = 0 PBON = 0
81h
02h
2h
0h
OFFSETLIN[1:0]
OFFSETPIX[5:0]
81h
03h
3h
0h
X1[12:8]
81h
04h
4h
0h
X1[7:0]
81h
05h
5h
0h
X2[12:8]
81h
06h
6h
0h
X2[7:0]
81h
07h
7h
0h
Y1[10:8]
81h
08h
8h
0h
Y1[7:0]
81h
09h
9h
0h
Y2[10:8]
81h
0Ah
Ah
0h
Y2[7:0]
81h
0Bh
Bh
0h
D3A[7:0]
81h
0Ch
Ch
0h
D3B[7:0]
81h
0Dh
Dh
0h
D3C[7:0]
81h
0Eh
Eh
0h
Reserved
81h
0Fh
Fh
0h
Reserved
81h
1xh
1xh
0h
Reserved
81h
1Fh
1Fh
0h
HMUX = 0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com