Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P/AA Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV9937P/AA
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P/AA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV9937P/AA Datasheet HTML 20Page - STMicroelectronics STV9937P/AA Datasheet HTML 21Page - STMicroelectronics STV9937P/AA Datasheet HTML 22Page - STMicroelectronics STV9937P/AA Datasheet HTML 23Page - STMicroelectronics STV9937P/AA Datasheet HTML 24Page - STMicroelectronics STV9937P/AA Datasheet HTML 25Page - STMicroelectronics STV9937P/AA Datasheet HTML 26Page - STMicroelectronics STV9937P/AA Datasheet HTML 27Page - STMicroelectronics STV9937P/AA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Character Specifications
STV9937
24/49
4.5.3
Character Blinking Effect
A character blinking effect can be separately programmed for each of the color-boxes. This value is
selected by the BLINK bit. When this bit is set to 1, the blinking effect is enabled and the characters
blink.
4.6
Character Shadowing
A character shadowing effect can be separately programmed for each of the color-boxes. This value
is selected by bits CSHA[3:0], respectively. The shadowing color is black.
When this bit is set to 1, the characters of the corresponding OSD window are displayed with a
shadowing effect, as shown in Figure 10. The default value is 0 (no shadowing effect).
Figure 10: Character Shadowing
Table 27: Character Shadowing
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
08h
0h
CSHA[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com