Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P/AA Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV9937P/AA
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P/AA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV9937P/AA Datasheet HTML 14Page - STMicroelectronics STV9937P/AA Datasheet HTML 15Page - STMicroelectronics STV9937P/AA Datasheet HTML 16Page - STMicroelectronics STV9937P/AA Datasheet HTML 17Page - STMicroelectronics STV9937P/AA Datasheet HTML 18Page - STMicroelectronics STV9937P/AA Datasheet HTML 19Page - STMicroelectronics STV9937P/AA Datasheet HTML 20Page - STMicroelectronics STV9937P/AA Datasheet HTML 21Page - STMicroelectronics STV9937P/AA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Window Specifications
STV9937
18/49
3.6.3
Border or Shadow Color
The border or shadow color is separately programmable for each separate OSD window. This value
is selected by bits WSRi, WSGi and WSBi for each of the four OSD windows. The value for each
color is shown in Table 17.
3.6.4
Bordering or Shadowing Size
The size of the bordering or shadowing width is separately programmable for each separate OSD
window. This value is selected by bits BSWWi[2:0] for each of the four OSD windows. The width
size is from 0 to 14 pixels, in steps of 2 pixels each.
Width Size = BSWWi[2:0] x 2 pixels
The size of the bordering or shadowing height is selected by bits BSHWi[3:0] for each of the four
windows. The height size is from 0 to 30 lines, in steps of 2 scan lines each.
Height Size = BSHWi[3:0] x 2 scan lines.
Table 16: Border or Shadow Color
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
10h, 15h
1Ah, 1Fh
0h, 0h,
0h, 0h
WSRI
WSGI
WSBI
Table 17: Bordering and Shadowing Color Selection (WSRGBi)
Value
Color
Value
Color
000
Black (Default)
100
Red
001
Blue
101
Magenta
010
Green
110
Yellow
011
Cyan
111
White
Table 18: Bordering or Shadowing Size
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Eh, 13h
18h, 1Dh
0h, 0h,
0h, 0h
BSWWi[2:0]
80h
0Fh, 14h
19h, 1Eh
0h, 0h,
0h, 0h
BSHWi[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com