Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937P/AA Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV9937P/AA
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937P/AA Datasheet(HTML) 2 Page - STMicroelectronics

  STV9937P/AA Datasheet HTML 1Page - STMicroelectronics STV9937P/AA Datasheet HTML 2Page - STMicroelectronics STV9937P/AA Datasheet HTML 3Page - STMicroelectronics STV9937P/AA Datasheet HTML 4Page - STMicroelectronics STV9937P/AA Datasheet HTML 5Page - STMicroelectronics STV9937P/AA Datasheet HTML 6Page - STMicroelectronics STV9937P/AA Datasheet HTML 7Page - STMicroelectronics STV9937P/AA Datasheet HTML 8Page - STMicroelectronics STV9937P/AA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
STV9937
2/49
Chapter 1
General Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
1.1
Pin Description
................................................................................................................... 7
Chapter 2
Register Addressing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
2.1
I²C Protocol .......................................................................................................................... 9
2.1.1
Data to Write .........................................................................................................................................................9
2.1.2
Transmission Formats ...........................................................................................................................................9
2.1.3
Format, Window and Row Address (FWR) .........................................................................................................10
2.1.4
Format, Attribute and Column Address (FAC) ....................................................................................................10
2.1.5
Control Data, Color Codes or Character Codes .................................................................................................11
2.1.6
Configuration of Transmission Formats .............................................................................................................11
2.2
Format Changing ............................................................................................................... 11
To change from Format A to Format B ...............................................................................................................11
To change from Format A to Format C ...............................................................................................................11
To change from Format B to Format A ...............................................................................................................11
To change from Format B to Format C ...............................................................................................................12
2.3
Read Mode ......................................................................................................................... 12
2.4
Addressing Map ................................................................................................................. 12
Chapter 3
Window Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
3.1
Enable Display ................................................................................................................... 14
3.2
Origin Positions for the 4 Windows .................................................................................... 14
3.2.1
General Horizontal Delay (HD) ...........................................................................................................................14
3.2.2
General Vertical Delay (VD) ................................................................................................................................14
3.3
Window Positions in the Frame .......................................................................................... 15
3.3.1
Window Horizontal Delay ....................................................................................................................................15
3.3.2
Window Vertical Delay ........................................................................................................................................15
3.4
Window Size: Number of Character Rows and Character Columns .................................. 16
3.4.1
Window Horizontal Size ......................................................................................................................................16
3.4.2
Window Vertical Size ..........................................................................................................................................16
3.5
Window Background Color ................................................................................................. 17
3.6
Window Bordering and Shadowing Effects ........................................................................ 17
3.6.1
Enable Bordering or Shadowing Effects .............................................................................................................17
3.6.2
Bordering or Shadowing Selection .....................................................................................................................17
3.6.3
Border or Shadow Color .....................................................................................................................................18
3.6.4
Bordering or Shadowing Size .............................................................................................................................18
3.7
Window Display Priority Management ............................................................................... 19
Chapter 4
Character Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
4.1
General Description ........................................................................................................... 20
4.2
Horizontal Resolution ........................................................................................................ 20
4.3
Character Height ............................................................................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com