Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936P Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 11Page - STMicroelectronics STV9936P Datasheet HTML 12Page - STMicroelectronics STV9936P Datasheet HTML 13Page - STMicroelectronics STV9936P Datasheet HTML 14Page - STMicroelectronics STV9936P Datasheet HTML 15Page - STMicroelectronics STV9936P Datasheet HTML 16Page - STMicroelectronics STV9936P Datasheet HTML 17Page - STMicroelectronics STV9936P Datasheet HTML 18Page - STMicroelectronics STV9936P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
15/48
STV9936P/S
Window Specifications
The default values for the window vertical delay for each of the four OSD windows is given in
Table 9.
3.4
Window Size: Number of Character Rows and Character Columns
3.4.1
Window Horizontal Size
The window horizontal size defines the number of characters displayed for character row for each
separate OSD window. This value is selected by bits HSW1[4:0], HSW2[4:0], HSW3[4:0] and
HSW4[4:0], respectively.
The range of the window horizontal size is from 1 to 32 characters, in steps of 1 character each.
Each character is 12 pixels long. There is an offset of 1 character.
Window Horizontal Size = HSWi[4:0] +1 characters
The default values for the window horizontal size for each of the four OSD windows is given in
Table 10.
3.4.2
Window Vertical Size
The window vertical size defines the number of character rows displayed for each separate OSD
window. This value is selected by bits VSW1[3:0], VSW2[3:0], VSW3[3:0] and VSW4[3:0],
respectively.
The range of the window vertical size is from 1 to 16 character rows, in steps of 1 character row
each. It is important to note that the height of each character row is defined by the row height
parameter. For more information, refer to Section 4.4: Row Height (Space Lines) on page 20. There
is an offset of 1 character row.
Window Vertical Size = (VSWi[3:0] + 1) x Row_Height (in scan lines)
Row_Height = Character_Height + 2 x Space_Lines
The default values for the window vertical size for each of the four OSD windows is given in
Table 11.
Table 10: Window Horizontal Size
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Eh, 13h,
18h, 1Dh
19h, 9h,
Fh, Fh
HSWi[4:0]
Table 11: Window Vertical Size
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Fh, 14h,
19h, 1Eh
Bh, 4h,
7h, 7h
VSWi[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com