Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936P Datasheet(PDF) 39 Page - STMicroelectronics

Part # STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 35Page - STMicroelectronics STV9936P Datasheet HTML 36Page - STMicroelectronics STV9936P Datasheet HTML 37Page - STMicroelectronics STV9936P Datasheet HTML 38Page - STMicroelectronics STV9936P Datasheet HTML 39Page - STMicroelectronics STV9936P Datasheet HTML 40Page - STMicroelectronics STV9936P Datasheet HTML 41Page - STMicroelectronics STV9936P Datasheet HTML 42Page - STMicroelectronics STV9936P Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39/48
STV9936P/S
Application Hints
9.2
Hardware Hints
q
The serial resistors on the ROUT, GOUT, BOUT and FBLK outputs must be as close as
possible to the device.
q
Both decoupling capacitors (100 nF and 100 µF) must be as close as possible to the analog
(pin 13) and digital (pin5) power supplies (see Figure 14).
q
PLL network must be close to the device but far from the ROUT, GOUT, BOUT and FBLK
outputs. PLL network and ROUT, GOUT, BOUT and FBLK outputs should be separated by the
AVDD 3.3 V power trace (see Figure 15 and Figure 16).
q
PLL ground (AGND) should not be connected either to DVSS or to other grounds of the
videoboard, as the ground is already connected internally (see Figure 15 and Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com