Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936P Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 26Page - STMicroelectronics STV9936P Datasheet HTML 27Page - STMicroelectronics STV9936P Datasheet HTML 28Page - STMicroelectronics STV9936P Datasheet HTML 29Page - STMicroelectronics STV9936P Datasheet HTML 30Page - STMicroelectronics STV9936P Datasheet HTML 31Page - STMicroelectronics STV9936P Datasheet HTML 32Page - STMicroelectronics STV9936P Datasheet HTML 33Page - STMicroelectronics STV9936P Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
RAM Specification
STV9936P/S
30/48
The default window RAM allocations are listed in Table 32.
Window 1: 10 blocks of 32 words = 320 characters (ALW1 = 9).
Window 2: 4 blocks of 32 words = 128 characters (ALW2 = 3).
Window 3: 4 blocks of 32 words = 128 characters (ALW3 = 3).
Window 4: the remaining RAM (4 blocks = 128 characters).
5.4
Window Reset
All the RAM data from one of the four OSD windows can be reset by writing to bits RESETW[3:0].
When the RESETW bit is set to 1,all the RAM data in the allocation memory space of the
corresponding OSD window is reset. These bits are automatically cleared when the RAM allocation
reset is finished.
All programmable registers are in Row 0 (Column i, Row 0).
Table 32: Window RAM Default Values
ALWi
Default
Description
ALW1
9h
320 Characters (10 blocks)
ALW2
3h
128 Characters (4 blocks)
ALW3
3h
128 Characters (4 blocks)
Table 33: RAM Allocation Enable and Reset
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Bh
0h
RESETW[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com