Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936P Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 18Page - STMicroelectronics STV9936P Datasheet HTML 19Page - STMicroelectronics STV9936P Datasheet HTML 20Page - STMicroelectronics STV9936P Datasheet HTML 21Page - STMicroelectronics STV9936P Datasheet HTML 22Page - STMicroelectronics STV9936P Datasheet HTML 23Page - STMicroelectronics STV9936P Datasheet HTML 24Page - STMicroelectronics STV9936P Datasheet HTML 25Page - STMicroelectronics STV9936P Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Character Specifications
STV9936P/S
22/48
If a specific character background color is selected in a color box, the character background color is
selected by bits BR, BG and BB.
.
4.5.2
Character Color
A character color can be separately programmed for each of the color-boxes. This value is selected
by bits FR, FG and FB.
Table 24: Character Background Color
Color
BC
BR
BG
BB
Black
1000
Blue
1001
Green
1010
Cyan
1011
Red
1100
Magenta
1101
Yellow
1110
White
1111
Window Background Color 1
1. See Table 25
0
Table 25: Background Color Priority
BC
TI
Background Color
1
X
Character Background Color (BR, BG and BB)
0
0
Window Background Color (RGBWi)
0
1
Transparent Background (Video active)
Table 26: Character Colors
Color
FR
FG
FB
Black
000
Blue
001
Green
010
Cyan
011
Red
100
Magenta
1
0
1
Yellow
110
White
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com