Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936P Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 28Page - STMicroelectronics STV9936P Datasheet HTML 29Page - STMicroelectronics STV9936P Datasheet HTML 30Page - STMicroelectronics STV9936P Datasheet HTML 31Page - STMicroelectronics STV9936P Datasheet HTML 32Page - STMicroelectronics STV9936P Datasheet HTML 33Page - STMicroelectronics STV9936P Datasheet HTML 34Page - STMicroelectronics STV9936P Datasheet HTML 35Page - STMicroelectronics STV9936P Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
General OSD Programming
STV9936P/S
32/48
7
General OSD Programming
7.1
Enable OSD
The OSD window displays are enabled by the ENOSD bit.
ENOSD = 1: OSD window displays are active.
ENOSD = 0: OSD window displays are inactive. Pin FBLK = 0 and pins ROUT, GOUT and
BOUT pins = 0 (bit RGBPOL is 0). The default value is 0.
7.2
Fade-in and Fade-out Effect
The Fade-in and Fade-out effect is used to progressively increase/decrease the OSD window to/
from its full size in just a few milliseconds. This effect is enabled by the FADE bit.
FADE = 1: Fade effect is active
FADE = 0: Fade effect is inactive (default value)
7.3
Full Screen Display
The STV9936 allows a full screen display with a selectable color programmable by the FBK bit as
follows:
FBK = 1: The video area is replaced by the color coded in bits FSR, FSG and FSB (full screen
color values). Pin FBLK is always 1.
FBK = 0: Normal video mode whether or not the OSD menu is displayed. The default value of
bit FBK is 0.
Table 36: Enable OSD
FWR
FAC
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
00h
ENOSD
Table 37: Fade
FWR
FAC
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
00h
FADE
Table 38: Full Screen Registers
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
01h
0h
FBK
80h
03h
0h
FSR
FSG
FSB
Table 39: Full Screen Colors
Color
FSR
FSG
FSB
Black (Default Value)
0
0
0
Blue
001
Green
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com