Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936P Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 12Page - STMicroelectronics STV9936P Datasheet HTML 13Page - STMicroelectronics STV9936P Datasheet HTML 14Page - STMicroelectronics STV9936P Datasheet HTML 15Page - STMicroelectronics STV9936P Datasheet HTML 16Page - STMicroelectronics STV9936P Datasheet HTML 17Page - STMicroelectronics STV9936P Datasheet HTML 18Page - STMicroelectronics STV9936P Datasheet HTML 19Page - STMicroelectronics STV9936P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Window Specifications
STV9936P/S
16/48
Table 12 shows an example of the origin and size of windows based on the example shown in
Figure 5,
3.5
Window Background Color
The window background color for each separate OSD window is coded over 4 bits as shown in
Table 13. The first bit (Ti) specifies whether the background is transparent or if a color is displayed.
If the background is transparent (Ti = 1), the active video is displayed as background.
If a color is displayed (Ti = 0), the background color for each separate OSD window is coded over
the last three bits (RWi, GWi and BWi, respectively). Windows are displayed with a white
background by default (7h).
3.6
Window Bordering and Shadowing Effects
3.6.1
Enable Bordering or Shadowing Effects
Bordering or shadowing effects are enabled for each separate OSD window by bits ENBS1,
ENBS2, ENBS3 and ENBS4, respectively.
3.6.2
Bordering or Shadowing Selection
Either the bordering or the shadowing effect is selected for each separate OSD window by bits
BSW1, BSW2, BSW3 and BSW4, respectively.
Table 12: Example of Origin and Size of Windows
Window i
HD
VD
HSWi
VSWi
Window 1
0274
Window 2
5045
Window 3
6463
Window 4
3744
Table 13: Background Color of Each Window
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
10h, 15h
1Ah, 1Fh
7h, 7h,
7h, 7h
Ti
RWi
GWi
BWi
Table 14: Bordering and Shadowing Parameter Selection
Bit
Description
ENBSi
0: No Bordering, No Shadowing (Default Value)
1: Bordering or Shadowing is selected.
BSWi
0: Bordering is selected (Default Value)
1: Shadowing is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com