Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

56F8167 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
Device Description
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
7
Preliminary
Two Serial Communication Interfaces (SCIs), each with two pins (or four additional GPIO lines)
Up to two Serial Peripheral Interfaces (SPIs), both with configurable 4-pin port (or eight additional GPIO
lines)
— In the 56F8367, SPI1 can also be used as Quadrature Decoder 1, Quad Timer B or GPIO
— In the 56F8167, SPI1 can alternately be used only as GPIO
Computer Operating Properly (COP) / Watchdog timer
Two dedicated external interrupt pins
Up to 76 General Purpose I/O (GPIO) pins
External reset input pin for hardware reset
External reset output pin for system reset
Integrated Low-Voltage Interrupt Module
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent debugging
Software-programmable, Phase Lock Loop (PLL)-based frequency synthesizer for the core clock
1.1.5
Energy Information
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
On-board 3.3V down to 2.6V voltage regulator for powering internal logic and memories; can be disabled
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
ADC smart power management
Each peripheral can be individually disabled to save power
1.2 Device Description
The 56F8367 and 56F8167 are members of the 56800E core-based family of controllers. Each combines,
on a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality of a
microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because
of its low cost, configuration flexibility, and compact program code, the 56F8367 and 56F8167 are
well-suited for many applications. The device includes many peripherals that are especially useful for
motion control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and
control, automotive control (56F8367 only), engine management, noise suppression, remote utility
metering, industrial control for power, lighting, and automation applications.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact DSP and control code.
The instruction set is also highly efficient for C/C++ Compilers to enable rapid development of optimized
control applications.
The 56F8367 and 56F8167 support program execution from internal or external memories. Two data
operands can be accessed from the on-chip data RAM per instruction cycle. These devices also provide
two external dedicated interrupt lines and up to 76 General Purpose Input/Output (GPIO) lines, depending
on peripheral configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com