Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB5806 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB5806
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB5806 Datasheet HTML 15Page - Microchip Technology USB5806 Datasheet HTML 16Page - Microchip Technology USB5806 Datasheet HTML 17Page - Microchip Technology USB5806 Datasheet HTML 18Page - Microchip Technology USB5806 Datasheet HTML 19Page - Microchip Technology USB5806 Datasheet HTML 20Page - Microchip Technology USB5806 Datasheet HTML 21Page - Microchip Technology USB5806 Datasheet HTML 22Page - Microchip Technology USB5806 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 19
USB5806
3.5
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps and associated programmable pin functions.
3.5.1
CFG_STRAP CONFIGURATION
The CFG_STRAP pin is used to place the hub into preset modes of operation. The resistor options are a 200 kΩ pull-
down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down, and 10 Ω pull-up as shown in Table 3-11.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 9.6.2, Power-On and Configuration Strap Timing and Section 9.6.3, Reset and Configuration Strap
Timing. If configuration straps are not at the correct voltage level prior to being latched, the device may
capture incorrect strap values.
TABLE 3-11:
CFG_STRAP RESISTOR ENCODING
CFG_STRAP
Resistor Value
Config
Setting
200 kΩ Pull-Down
CONFIG1
Speed Indicator Mode + I2C Bridging Mode
The SMBus interface will operate in Master Mode for use with the USB to I2C
bridging function. For more information on USB to I2C bridging with the
USB5806, refer to the “USB to I2C Using Microchip USB 3.1 Gen 1 Hubs” appli-
cation note.
The following programmable pins will be re-purposed as USB Speed Indicator
outputs:
Pin 63: SPEED_IND1
Pin 61: SPEED_IND2
Pin 56: SPEED_IND3
Pin 60: SPEED_IND4
Pin 50: SPEED_IND5
Pin 71: SPEED_IND6
The SPEED_INDx pins operate in the following manner:
Tri-state: Not connected
0: USB 2.0 / USB 1.1
1: USB 3.1 Gen 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com