Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB5806 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB5806
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB5806 Datasheet HTML 12Page - Microchip Technology USB5806 Datasheet HTML 13Page - Microchip Technology USB5806 Datasheet HTML 14Page - Microchip Technology USB5806 Datasheet HTML 15Page - Microchip Technology USB5806 Datasheet HTML 16Page - Microchip Technology USB5806 Datasheet HTML 17Page - Microchip Technology USB5806 Datasheet HTML 18Page - Microchip Technology USB5806 Datasheet HTML 19Page - Microchip Technology USB5806 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
USB5806
DS00002236D-page 16
 2016-2018 Microchip Technology Inc.
Bias Resistor
RBIAS
I-R
A 12.0 k
(+/- 1%) resistor is attached from ground to
this pin to set the transceiver’s internal bias settings.
Place the resistor as close to the device as possible with
a dedicated, low impedance connection to the GND
plane.
External 25 MHz
Crystal Input
XTALI
ICLK
External 25 MHz crystal input
External 25 MHz
Reference Clock
Input
CLKIN
ICLK
External reference clock input.
The device may alternatively be driven by a single-ended
clock oscillator. When this method is used, XTALO
should be left unconnected.
External 25 MHz
Crystal Output
XTALO
OCLK
External 25 MHz crystal output
Test
TESTEN
I/O12
Test pin.
This signal is used for test purposes and must always be
connected to ground.
No Connect
NC
-
No connect.
For proper operation, this signal must be left uncon-
nected.
TABLE 3-7:
MISCELLANEOUS PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com